Electronic Components Datasheet Search
  English  ▼

X  

B3835 Datasheet(PDF) 4 Page - EPCOS

Part # B3835
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3835 Datasheet(HTML) 4 Page - EPCOS

  B3835 Datasheet HTML 1Page - EPCOS B3835 Datasheet HTML 2Page - EPCOS B3835 Datasheet HTML 3Page - EPCOS B3835 Datasheet HTML 4Page - EPCOS B3835 Datasheet HTML 5Page - EPCOS B3835 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
07 Dec 2001
SAW Components
B3835
899,00 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +70˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
899,00
—
MHz
Maximum insertion attenuation
α
max
896,000 ... 902,000 MHz
—
2,7
3,7
dB
Amplitude ripple (p-p)
∆α
896,000 ... 902,000 MHz
—
0,8
1,2
dB
Group delay ripple (p-p)
∆τ
896,000 ... 902,000 MHz
—
10
50
ns
Attenuation
α
min
851,000 ... 870,000 MHz
42
46
—
dB
935,000 ... 940,000 MHz
43
46
—
dB
1050,650 ... 1055,650MHz
42
54
—
dB
1205,300 ... 1210,300MHz
40
50
—
dB
1359,950 ...1364,950MHz
35
46
—
dB
1792,000 ...1802,000 MHz
25
42
—
dB
1802,000 ...3000,000 MHz
15
36
—
dB
Input return loss
896,000 ... 902,000 MHz
10
16
—
dB
Output return loss
896,000 ... 902,000 MHz
10
15
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com