Electronic Components Datasheet Search
  English  ▼

X  

PDI1394L21 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PDI1394L21
Description  1394 full duplex AV link layer controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394L21 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PDI1394L21 Datasheet HTML 35Page - NXP Semiconductors PDI1394L21 Datasheet HTML 36Page - NXP Semiconductors PDI1394L21 Datasheet HTML 37Page - NXP Semiconductors PDI1394L21 Datasheet HTML 38Page - NXP Semiconductors PDI1394L21 Datasheet HTML 39Page - NXP Semiconductors PDI1394L21 Datasheet HTML 40Page - NXP Semiconductors PDI1394L21 Datasheet HTML 41Page - NXP Semiconductors PDI1394L21 Datasheet HTML 42Page - NXP Semiconductors PDI1394L21 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Philips Semiconductors
Preliminary specification
PDI1394L21
1394 full duplex AV link layer controller
1999 Aug 06
39
13.2.12
Isochronous Receiver Interrupt Enable (IRXINTE) – Base Address: 0x050
Interrupt enable bits for AV Receiver.
29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7
6
5 4 3
2 1
0
31 30
SV00888
Reset Value 0x00000000
Bit 10..0 are interrupt enable bits for the Isochronous Receiver Interrupt Acknowledge (IRXINTACK).
13.2.13
Isochronous Receiver Control Register (IRXCTL) – Base Address: 0x054
29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
TAG
CHANNEL
ERR
SV01017
SPD
31 30
Reset Value 0x00000000
Bit 17..16:
R
SPD: Speed of last received isochronous packet (S100 .. S400).
00 = 100 Mbps
01 = 200 Mbps
10 = 400 Mbps
11 = Reserved
Bit 15..14:
R/W
TAG: Isochronous tag value (must match) for AV format, ‘01’ for IEC 61883 International Standard data.
Bit 13..8:
R/W
CHAN: Channel number to receive isochronous data.
Bit 7..4:
R
ERR: Error code for last received isochronous AV packet.
Table 9.
Error Codes
Code
Name
Meaning
0000
reserved
0001
ack_complete
The node has successfully accepted the packet. If the packet was a request subaction, the destination node has
successfully completed the transaction and no response subaction shall follow.
0010
through
1100
reserved
1101
ack_data_error
The node could not accept the block packet because the data field failed the CRC check, or because the length
of the data block payload did not match the length contained in the dataLength field. this code shall not be
returned for any packet that does not have a data block payload.
1110
and
1111
reserved
Bit 3..0:
R
SYNC: Last received SY code in isochronous bus packet header. Bit 1 is odd/even encryption bit key. State of this bit
will be outputted at active (receiving) AVPORT on the AVxENKEY pin while the accompanying application packet is
being outputted. Also see Section 13.2.6 for a description of the operation of this bit..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com