Electronic Components Datasheet Search
  English  ▼

X  

B4127 Datasheet(PDF) 5 Page - EPCOS

Part # B4127
Description  Low-Loss Filter for Mobile Communication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4127 Datasheet(HTML) 5 Page - EPCOS

  B4127 Datasheet HTML 1Page - EPCOS B4127 Datasheet HTML 2Page - EPCOS B4127 Datasheet HTML 3Page - EPCOS B4127 Datasheet HTML 4Page - EPCOS B4127 Datasheet HTML 5Page - EPCOS B4127 Datasheet HTML 6Page - EPCOS B4127 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Oct 11, 2005
SAW Components
B4127
942,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -30 to +85˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
942,50
—
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
—
2,3
3,6
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
—
0,8
2,1
dB
Input VSWR
925,0
... 960,0
MHz
—
2,3
2,5
Output VSWR
925,0
... 960,0
MHz
—
2,3
2,5
Attenuation
α
0,0
... 880,0
MHz
18,0
19,5
—
dB
880,0
... 905,0
MHz
18,0
25,0
—
dB
905,0
... 915,0
MHz
9,0
18,0
—
dB
980,0
...1005,0
MHz
20,0
24,0
—
dB
1005,0
...1375,0
MHz
18,0
21,0
—
dB
1375,0
...1410,0
MHz
20,0
21,5
—
dB
1410,0
...1645,0
MHz
20,0
22,0
—
dB
1645,0
...3000,0
MHz
20,0
22,0
—
dB
3000,0
...4008,0
MHz
8,0
14,0
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com