Electronic Components Datasheet Search
  English  ▼

X  

B5027 Datasheet(PDF) 3 Page - EPCOS

Part # B5027
Description  Low-Loss Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5027 Datasheet(HTML) 3 Page - EPCOS

  B5027 Datasheet HTML 1Page - EPCOS B5027 Datasheet HTML 2Page - EPCOS B5027 Datasheet HTML 3Page - EPCOS B5027 Datasheet HTML 4Page - EPCOS B5027 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jul 19, 2005
SAW Components
B5027
463,7375 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T = 0 ... 80 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Nominal frequency
fN
—
463,7375
—
MHz
Insertion attenuation
@
fN
α
N
—
2,0
3,0
dB
Pass bandwidth
B1,0dB
α
rel ≤ 1,0 dB
—
12,5
—
MHz
Amplitude ripple (p-p)
∆α
460,000 MHz...467,475 MHz
—
0,5
0,75
dB
Group delay ripple (p-p)
∆τ
460,000 MHz...467,475 MHz
—
25
40
ns
over any 1.25MHz contiguous bandwidth
Phase linearity (rms)
fN + 3,7375 MHz ∆τ
over any 1.25MHz contiguous bandwidth
—
1,1
2,0
˚
Return Loss
460,000 MHz...467,475 MHz
10
15
—
dB
Relative attenuation (relative to
α
N)
α
rel
20,000 MHz
...
420,000 MHz
50
56
—
dB
420,000 MHz
...
432,000 MHz
48
53
—
dB
488,000 MHz
...
500,000 MHz
35
40
—
dB
500,000 MHz
...
567,520 MHz
40
54
—
dB
567,520 MHz
...
675,040 MHz
50
52
—
dB
675,040 MHz
...
682,515 MHz
55
57
—
dB
682,515 MHz
...
1200,000 MHz
40
43
—
dB
1200,000 MHz
...
1724,985 MHz
35
40
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com