Electronic Components Datasheet Search
  English  ▼

X  

B7822 Datasheet(PDF) 5 Page - EPCOS

Part # B7822
Description  Low-Loss Filter for Mobile Communication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7822 Datasheet(HTML) 5 Page - EPCOS

  B7822 Datasheet HTML 1Page - EPCOS B7822 Datasheet HTML 2Page - EPCOS B7822 Datasheet HTML 3Page - EPCOS B7822 Datasheet HTML 4Page - EPCOS B7822 Datasheet HTML 5Page - EPCOS B7822 Datasheet HTML 6Page - EPCOS B7822 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Apr 29, 2003
SAW Components
B7822
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -20 to +85˚C
Terminating source impedance:
ZS = 50Ω (unbalanced)
Terminating load impedance:
ZL = 50Ω (unbalanced)
min.
typ.
max.
Center frequency
fC
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
—
2,7
3,4
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
—
1,2
2,1
dB
Input VSWR
1805,0
...1880,0
MHz
—
2,1
2,3
Output VSWR
1805,0
...1880,0
MHz
—
2,1
2,4
Attenuation
α
0,0
... 1480,0
MHz
30
34
—
dB
1480,0
... 1765,0
MHz
21
25
—
dB
1765,0
... 1785,0
MHz
10
13
—
dB
1920,0
... 1980,0
MHz
18
23
—
dB
1980,0
... 2400,0
MHz
24
27
—
dB
2400,0
... 2500,0
MHz
30
37
—
dB
2500,0
... 3610,0
MHz
25
32
—
dB
3610,0
... 3760,0
MHz
35
44
—
dB
3760,0
... 6000,0
MHz
25
39
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com