Electronic Components Datasheet Search
  English  ▼

X  

B7844 Datasheet(PDF) 4 Page - EPCOS

Part # B7844
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7844 Datasheet(HTML) 4 Page - EPCOS

  B7844 Datasheet HTML 1Page - EPCOS B7844 Datasheet HTML 2Page - EPCOS B7844 Datasheet HTML 3Page - EPCOS B7844 Datasheet HTML 4Page - EPCOS B7844 Datasheet HTML 5Page - EPCOS B7844 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Mar 22, 2004
SAW Components
B7844
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +75 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =150 Ω || 15 nH (balanced)
min.
typ.
max.
Center frequency
fC
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
—
1,9
2,3
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
—
0,6
1,3
dB
Input VSWR
1805,0
... 1880,0
MHz
—
2,1
2,6
Output VSWR
1805,0
... 1880,0
MHz
—
2,0
2,6
Output amplitude balance
(|S31/S21|)
1805,0
...1880,0
MHz
-1,0
-0,7 / +0,5
1,0
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
1805,0
...1880,0
MHz
-10
-1 / +4
10
˚
Attenuation
α
0,0
... 902,0
MHz
30
50
—
dB
902,0
... 940,0
MHz
45
50
—
dB
940,0
... 1705,0
MHz
28
33
—
dB
1705,0
... 1785,0
MHz
10
14
—
dB
1920,0
... 1980,0
MHz
15
18
—
dB
1980,0
... 2030,0
MHz
23
28
—
dB
2030,0
... 2400,0
MHz
28
32
—
dB
2400,0
... 2500,0
MHz
32
37
—
dB
2500,0
... 2775,0
MHz
27
30
—
dB
2775,0
... 2880,0 MHz
40
47
—
dB
2880,0
... 3610,0
MHz
28
46
—
dB
3610,0
... 3760,0
MHz
40
46
—
dB
3760,0
... 5415,0
MHz
28
47
—
dB
5415,0
... 5640,0
MHz
35
44
—
dB
5640,0
... 6000,0
MHz
28
44
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com