Electronic Components Datasheet Search
  English  ▼

X  

B9423 Datasheet(PDF) 3 Page - EPCOS

Part # B9423
Description  Low-Loss Filter for Mobile Communication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9423 Datasheet(HTML) 3 Page - EPCOS

  B9423 Datasheet HTML 1Page - EPCOS B9423 Datasheet HTML 2Page - EPCOS B9423 Datasheet HTML 3Page - EPCOS B9423 Datasheet HTML 4Page - EPCOS B9423 Datasheet HTML 5Page - EPCOS B9423 Datasheet HTML 6Page - EPCOS B9423 Datasheet HTML 7Page - EPCOS B9423 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 17, 2006
B9423
942.5 MHz
SAW Components
Low-Loss Filter for Mobile Communication
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
-10 to +85 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL = 100 Ω (balanced)
B9423
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
942.5
—
MHz
Maximum insertion attenuation
α
max
925.0 ...
960.0
MHz
—
1.9
2.6
dB
Amplitude ripple (p-p)
∆α
925.0 ...
960.0
MHz
—
1.0
1.6
dB
Input VSWR
925.0 ...
960.0
MHz
—
1.9
2.2
Output VSWR
925.0 ...
960.0
MHz
—
1.8
2.2
Common mode suppression
Scs21
925.0 ...
960.0
MHz
20
27
—
dB
824.0 ...
995.0
MHz
20
24
—
dB
1648.0 ... 1990.0
MHz
20
48
—
dB
3296.0 ... 3980.0
MHz
20
33
—
dB
Attenuation
α
0.3 ...
480.0
MHz
45
56
—
dB
480.0 ...
880.0
MHz
30
33
—
dB
880.0 ...
905.0
MHz
23
35
—
dB
905.0 ...
915.0
MHz
18
29
—
dB
980.0 ... 1850.0
MHz
23
29
—
dB
1850.0 ... 1920.0
MHz
30
48
—
dB
1920.0 ... 2400.0
MHz
25
44
—
dB
2400.0 ... 2500.0
MHz
40
44
—
dB
2500.0 ... 5150.0
MHz
30
42
—
dB
5150.0 ... 5825.0
MHz
40
45
—
dB
5825.0 ... 6000.0
MHz
30
45
—
dB
6000.0 ...12750.0
MHz
———
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com