Electronic Components Datasheet Search
  English  ▼

X  

MMBD1203 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # MMBD1203
Description  Small Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

MMBD1203 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  MMBD1203 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . MMBD1203 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . MMBD1203 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . MMBD1203 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Characteristics
Figure 1. Reverse Voltage vs. Reverse Current
BV @ IR = 1.0 to 100 μA
Figure 2. Reverse Current vs. Reverse Voltage
IR @ VR = 10 to 100 V
Figure 3. Forward Voltage vs. Forward Current
VF @ IF = 1.0 to 100 μA
Figure 4. Forward Voltage vs. Forward Current
VF @ IF = 0.1 to 10 mA
Figure 5. Forward Voltage vs. Forward Current
VF @ IF = 10 to 800 mA
Reverse Voltage [V]
Figure 6. Total Capacitance vs. Reverse Voltage
110
120
130
140
150
1
2
5
3
10
20
30
50
100
Ta= 25 C
Reverse Current, I
R [uA]
°
0
50
100
150
200
250
300
10
20
30
50
70
100
Ta= 25°C
Reverse Voltage, V
R [V]
250
300
350
400
450
1
2
3
5
10
20
30
50
100
Ta= 25
Forward Current, I
F [uA]
25 °
450
500
550
600
650
700
0.1
0.2
0.3
0.5
1
2
3
5
10
Ta= 25 C
Forward Current, I
F [m A]
°
0.6
0.8
1.0
1.2
1.4
10
20
30
50
100
200
300
500
Ta= 25° C
Forward Current, I
F [m A ]
0
2
4
6
8
10
12
14
1.0
1.1
1.2
1.3
Ta= 25°C
D120x-SERIES
MMB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com