Electronic Components Datasheet Search
  English  ▼

X  

1244021 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1244021
Description  CA-12S1N8A9006X - Coupler connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1244021 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1244021 Datasheet HTML 1Page - PHOENIX CONTACT 1244021 Datasheet HTML 2Page - PHOENIX CONTACT 1244021 Datasheet HTML 3Page - PHOENIX CONTACT 1244021 Datasheet HTML 4Page - PHOENIX CONTACT 1244021 Datasheet HTML 5Page - PHOENIX CONTACT 1244021 Datasheet HTML 6Page - PHOENIX CONTACT 1244021 Datasheet HTML 7Page - PHOENIX CONTACT 1244021 Datasheet HTML 8Page - PHOENIX CONTACT 1244021 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M23, Coupler connector, series: CA, straight, shielded: yes, for standard and SPEEDCON
interlock, No. of pos.: 12, Direction of rotation: Standard, contact connection type: Socket, Crimp
connection, cable diameter range: 4 mm ... 6 mm, coding: N, Item is lead-free in accordance with
RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Safe use in the field, thanks to high degree of protection
•
Connector for flexible on-site assembly
•
Consistent EMC protection for reliable transmission of signals
•
Crimping connection: vibration- and temperature-resistant assembly
•
Commercial data
Item number
1244021
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ABRAEG
GTIN
4063151404840
Weight per piece (including packing)
90.5 g
Weight per piece (excluding packing)
90.5 g
Country of origin
DE
CA-12S1N8A9006X - Coupler connector
1244021
https://www.phoenixcontact.com/us/products/1244021
Mar 12, 2024, 5:44 AM
Page 1 (15)


Similar Part No. - 1244021

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124402 ADELS-124402 Datasheet
117Kb / 2P
500 LRZ/ 2
logo
PHOENIX CONTACT
1244020 PHOENIX-1244020 Datasheet
250Kb / 7P
CA-12P1N8A9006X - Coupler connector
1244022 PHOENIX-1244022 Datasheet
361Kb / 10P
CA-12P1N129006X - Coupler connector
1244023 PHOENIX-1244023 Datasheet
365Kb / 11P
CA-12S1N129006X - Coupler connector
1244024 PHOENIX-1244024 Datasheet
469Kb / 15P
CA-09P1N8A9006X - Coupler connector
More results

Similar Description - 1244021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620024 PHOENIX-1620024 Datasheet
65Kb / 4P
Coupler connector - CA-17S1N129008
1620045 PHOENIX-1620045 Datasheet
64Kb / 4P
Coupler connector - CA-06P1N129008
1620048 PHOENIX-1620048 Datasheet
65Kb / 4P
Coupler connector - CA-19S1N129007
1620042 PHOENIX-1620042 Datasheet
63Kb / 4P
Coupler connector - CA-07S1N129008
1620074 PHOENIX-1620074 Datasheet
65Kb / 4P
Coupler connector - CA-12P1N129007
1620075 PHOENIX-1620075 Datasheet
64Kb / 4P
Coupler connector - CA-12S1N129007
1620078 PHOENIX-1620078 Datasheet
64Kb / 4P
Coupler connector - CA-09P1N129007
1620079 PHOENIX-1620079 Datasheet
64Kb / 4P
Coupler connector - CA-09S1N129007
1620036 PHOENIX-1620036 Datasheet
65Kb / 4P
Coupler connector - CA-09S1N129008
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
Coupler connector - CA-07P1N129007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com