Electronic Components Datasheet Search
  English  ▼

X  

BSP43 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BSP43
Description  SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BSP43 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BSP43 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT223 NPN SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 3 – NOVEMBER 1995 7
COMPLEMENTARY TYPES – BSP43 - BSP33
BSP41 - BSP31
PARTMARKING DETAIL
– DEVICE TYPE IN FULL
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BSP41
BSP43
UNIT
Collector-Base Voltage
VCBO
70
90
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Base Current
IB
100
mA
Power Dissipation at Tamb=25°C
PTOT
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
BSP43
Breakdown Voltage BSP41
V(BR)CBO
90
70
V
IC=100µA
Collector-Emitter
BSP43
Breakdown Voltage BSP41
V(BR)CEO
80
60
VIC=10mA *
Emitter-Base Breakdown Voltage V(BR)EBO
5V
IE=10µA
Collector Cut-Off Current
ICBO
100
50
nA
µ
A
VCB=60V
VCB=60V, Tamb =125°C
Collector-Emitter
Saturation Voltage
VCE(sat)
0.25
0.5
V
V
IC =150mA, IB =15mA
IC =500mA, IB =50mA
Base-Emitter
Saturation Voltage
VBE(sat)
1.0
1.2
V
V
IC =150mA, IB=15mA
IC =500mA, IB =50mA
Static Forward
Current Transfer Ratio
hFE
30
100
50
300
IC =100µA, VCE=5V
IC =100mA, VCE=5V
IC =500mA, VCE=5V
Collector Capacitance
Cc
12
pF
VCB=10V, f=1MHz
Emitter Capacitance
Ce
90
pF
VEB=0.5V, f=1MHz
Transition Frequency
fT
100
MHz
IC=50mA, VCE=10V
f =35MHz
Turn-On Time
Ton
250
ns
VCC=20V, IC =100mA
IB1=IB2=5mA
Turn-Off Time
Toff
1000
ns
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
For typical characteristics graphs see FMMT493 datasheet.
BSP41
BSP43
C
C
E
B
3 - 64


Similar Part No. - BSP43

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP43 PHILIPS-BSP43 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 26
logo
STMicroelectronics
BSP43 STMICROELECTRONICS-BSP43 Datasheet
73Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
Zetex Semiconductors
BSP43 ZETEX-BSP43 Datasheet
36Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diotec Semiconductor
BSP43 DIOTEC-BSP43 Datasheet
171Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BSP43 NXP-BSP43 Datasheet
112Kb / 6P
NPN medium power transistors
1999 Apr 26
More results

Similar Description - BSP43

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT604 ZETEX-FZT604 Datasheet
70Kb / 3P
SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
BSP31 ZETEX-BSP31 Datasheet
47Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BSP40 ZETEX-BSP40 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FZT489 DIODES-FZT489 Datasheet
52Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FZT491A DIODES-FZT491A Datasheet
28Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1999
FZT605 DIODES-FZT605 Datasheet
85Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM
MARCH 2001
FZT689B DIODES-FZT689B Datasheet
115Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM
OCTOBER 1995
FZT694B DIODES-FZT694B Datasheet
111Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM
OCTOBER 1995
BCP54 DIODES-BCP54 Datasheet
131Kb / 7P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Rev 2
logo
List of Unclassifed Man...
FZT657TA ETC2-FZT657TA Datasheet
100Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com