Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS4446IRETR Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUXHS4446IRETR
Description  TMUXHS4446 USB-C 10Gbps Alt Mode Crossbar Mux
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUXHS4446IRETR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUXHS4446IRETR Datasheet HTML 9Page - Texas Instruments TMUXHS4446IRETR Datasheet HTML 10Page - Texas Instruments TMUXHS4446IRETR Datasheet HTML 11Page - Texas Instruments TMUXHS4446IRETR Datasheet HTML 12Page - Texas Instruments TMUXHS4446IRETR Datasheet HTML 13Page - Texas Instruments TMUXHS4446IRETR Datasheet HTML 14Page - Texas Instruments TMUXHS4446IRETR Datasheet HTML 15Page - Texas Instruments TMUXHS4446IRETR Datasheet HTML 16Page - Texas Instruments TMUXHS4446IRETR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Table 6-4. High-Speed and Low-Speed Channel Mapping for Sink Applications (continued)
System-Side
Channel
Connector-Side Channel Connected To System-Side Channel
Open
(powered
down)
Open
(powered on)
USB-C USB 3.x
DP Alt Mode Receptacle UFP Pin Assignment (Sink)
USB SS only USB SS only
Flip
C 4 Ln DP
C Flip 4 Ln
DP
D 2 Ln DP +
USB SS
D Flip 2 Ln
DP + USB SS
CONF[2:0] =
000
CONF[2:0] =
001
CONF[2:0] =
100
CONF[2:0] =
101
CONF[2:0] =
010
CONF[2:0] =
011
CONF[2:0] =
110
CONF[2:0] =
111
AUX-
X
X
X
X
SBU1
SBU2
SBU1
SBU2
www.ti.com
TMUXHS4446
SLASF51 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUXHS4446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com