Electronic Components Datasheet Search
  English  ▼

X  

12LP10 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 12LP10
Description  PURE SINE WAVE OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

12LP10 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  12LP10 Datasheet HTML 1Page - Sensata Technologies, Inc. 12LP10 Datasheet HTML 2Page - Sensata Technologies, Inc. 12LP10 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright © 2019 Sensata Technologies, Inc.
Page 2
www.sensata.com
12LP10
12LP10H
NO GFCI,
HARDWIRE ONLY
12LP10HR
NO GFCI, HARDWIRE
ONLY, LOCAL ON/OFF
SWITCH DISABLED
12LP10R
LOCAL ON/OFF
SWITCH DISABLED
INVERTER SPECIFICATIONS
Input battery voltage range
10.5 - 16 VDC
10.5 - 16 VDC
10.5 - 16 VDC
10.5 - 16 VDC
Surge voltage
Up to 24 VDC
Up to 24 VDC
Up to 24 VDC
Up to 24 VDC
Nominal AC output voltage
120 VAC ± 5%
120 VAC ± 5%
120 VAC ± 5%
120 VAC ± 5%
Output frequency and accuracy
60 Hz ± 0.5%
60 Hz ± 0.5%
60 Hz ± 0.5%
60 Hz ± 0.5%
Total Harmonic Distortion (THD)
< 5%
< 5%
< 5%
< 5%
Continuous power output (real watts)
1000
1000
1000
1000
Output current
8.3 AAC
8.3 AAC
8.3 AAC
8.3 AAC
Input current
Up to 110 ADC
Up to 110 ADC
Up to 110 ADC
Up to 110 ADC
Peak power
2000 watts
2000 watts
2000 watts
2000 watts
Peak output
23.5 AAC
23.5 AAC
23.5 AAC
23.5 AAC
Motor starting rating
1/3 hp
1/3 hp
1/3 hp
1/3 hp
Inverter efficiency (peak)
82%
82%
82%
82%
Waveform
Pure Sine Wave
Pure Sine Wave
Pure Sine Wave
Pure Sine Wave
GENERAL FEATURES
Warranty
Five years
Listings
UL/cUL 458 Power Inverter, E100666
PHYSICAL SPECIFICATIONS
Weight
20 lb (9.1 kg)
20 lb (9.1 kg)
20 lb (9.1 kg)
20 lb (9.1 kg)
Dimensions (l x w x h)
17.3” x 9.0” x 3.6” (43.9 cm x 22.9 cm x 9.1 cm)
Operating temperature
-20° C to +60° C (-4° F to 140° F)
SPECIFICATIONS
AGENCY APPROVALS & CERTIFICATIONS
• UL/cUL 458 Power Inverter, E100666
Testing for specifications at 25° C.
Specifications subject to change without notice.
GENERAL NOTES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com