Electronic Components Datasheet Search
  English  ▼

X  

18HM Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 18HM
Description  SINGLE PHASE HERMETIC MOTOR PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

18HM Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  18HM Datasheet HTML 1Page - Sensata Technologies, Inc. 18HM Datasheet HTML 2Page - Sensata Technologies, Inc. 18HM Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| 18HM
SINGLE PHASE HERMETIC MOTOR PROTECTOR
Introduction
The 18HM Hermetic AC Motor Protector delivers the benefit of locked rotor and overload protection in a robust hermetic package.
Sensata Technologies has been the leading global supplier of motor protection for over 50 years.
Features
Benefits
Applications
• Incorporates the world leading Klixon® snap action bimetal
• Line break / Automatic reset
• Low profile permits the device to be installed directly on the
compressor’s power terminal pins within a cluster block housing for
closely coupled temperature monitoring
• Enhanced over-temperature protection against running overload
high / low voltage locked rotor loss of refrigeration charge shorted
capacitor high discharge temperature
• Rugged welded construction
• Reduced installation costs
• Optimal termination
• Air Conditioning Compressors
TECHNICAL SPECIFICATIONS
Compressor Range
Up to 2HP
Rated Voltage
230 Volts
Rated Current
60 Amps
Opening Temperature
100°C to 180°C (5°C Increments)
Closing Temperature
To suit application ± 9°C
Pressure Rating
2100 PSIG 145 bar
Current ratings are based on life test data which has demonstrated high reliability at 0.7 power factor on Sensata test boards. These capacities are intended as a
guide for application work


Similar Part No. - 18HM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18H100M VISHAY-18H100M Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
18H12M288 VISHAY-18H12M288 Datasheet
76Kb / 3P
Quartz Crystals
11-Jul-17
logo
List of Unclassifed Man...
18H32AT-32.000-S ETC2-18H32AT-32.000-S Datasheet
207Kb / 2P
H32 OSCILLATORS
18H32BT-32.000-S ETC2-18H32BT-32.000-S Datasheet
207Kb / 2P
H32 OSCILLATORS
18H32CT-32.000-S ETC2-18H32CT-32.000-S Datasheet
207Kb / 2P
H32 OSCILLATORS
More results

Similar Description - 18HM

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
Single Phase Motor Starter Relay
logo
Unisonic Technologies
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
319 UTC-319 Datasheet
156Kb / 7P
SINGLE PHASE DC MOTOR
logo
ON Semiconductor
LA6588MC ONSEMI-LA6588MC Datasheet
73Kb / 4P
Single-phase Fan Motor IC
May, 2013
LV8862JA ONSEMI-LV8862JA Datasheet
301Kb / 12P
Single-phase FAN Motor Driver
March 2015 - Rev. 1
LV11961HA ONSEMI-LV11961HA Datasheet
391Kb / 14P
Single-phase FAN Motor Driver
November 2015 - Rev. 2
LV8161MU ONSEMI-LV8161MU Datasheet
438Kb / 11P
Single-Phase Fan Motor Driver
April, 2014
logo
celduc-relais
SYMC0000 CELDUC-SYMC0000 Datasheet
1Mb / 7P
Single phase motor soft starter
SYMC0001 CELDUC-SYMC0001 Datasheet
747Kb / 7P
Single phase motor soft starter
logo
PADAUK Technology.
MF610 PADAUK-MF610 Datasheet
401Kb / 11P
Single-Phase BLDC Motor Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com