Electronic Components Datasheet Search
  English  ▼

X  

3-PHASE Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 3-PHASE
Description  3-PHASE SERIES INVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

3-PHASE Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  3-PHASE Datasheet HTML 1Page - Sensata Technologies, Inc. 3-PHASE Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2022 Sensata Technologies, Inc.
Page 2
Rev: 12/05/2022 Part#131469 vB
CONTACT US
Regional head offices:
United States of America
Sensata Technologies, Attleboro, MA
Phone: 508-236-3800
E-mail: support@sensata.com
Netherlands
Sensata Technologies Holland B.V. Hengelo
Phone: +31 74 357 8000
E-mail: support@sensata.com
China
Sensata Technologies China Co., Ltd. Shanghai
Phone: +8621 2306 1500
E-mail:support@sensata.com
Sensata Technologies, Inc. (“Sensata”) data sheets are solely intended to assist designers (“Buyers”) who are developing systems that
incorporate Sensata products (also referred to herein as “components”). Buyer understands and agrees that Buyer remains responsible for
using its independent analysis, valuation, and judgment in designing Buyer’s systems and products. Sensata data sheets have been
created using standard laboratory conditions and engineering practices. Sensata has not conducted any testing other than that
specifically described in the published documentation for a particular data sheet. Sensata may make corrections, enhancements,
improvements, and other changes to its data sheets or components without notice.
Buyers are authorized to use Sensata data sheets with the Sensata component(s) identified in each particular data sheet. HOWEVER, NO
OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND NO
LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA DATA SHEETS ARE
PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATA SHEETS OR USE OF THE
DATA SHEETS, EXPRESS, IMPLIED, OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS ANY
WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET
ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD
TO SENSATA DATA SHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com SENSATA ASSUMES NO LIABILITY
FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY
RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY, AND SAFETY-RELATED REQUIREMENTS CONCERNING ITS
PRODUCTS, AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED
INFORMATION OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA
www.sensata.com
24/6000H-3PHQ
INVERTER SPECIFICATIONS
Output Power
6,000 watts
Peak Watts
15,000 watts
Output Voltage
220 VAC (Y 3-phase)
Peak Output Current
40 AAC
Output Current
16 AAC
Output Waveform
Modified Sine
Output Frequency
60 Hz
Motor Starting Capacity
5 hp
Input Voltage
24 VDC
Continuous Output Amps
16 amps
Efficiency
>85%
Phase
Three
Topology
Low Frequency
Warranty
1 Year
PHYSICAL SPECIFICATIONS
Weight
137
Dimensions
17.75” x 26.5” x 11”
(45.1cm x 67.3cm x 27.9cm)
Operating Temperature
-20° to 40° C (0° to 104° F)
SPECIFICATIONS
Testing for specifications at 25° C, 24 VDC nominal.
Specifications subject to change without notice.
GENERAL NOTES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com