Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 3000
Description  TEMPERATURE SENSOR PROBES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

3000 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  3000 Datasheet HTML 1Page - Sensata Technologies, Inc. 3000 Datasheet HTML 2Page - Sensata Technologies, Inc. 3000 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
ACCESSORIES AND OPTIONS
Body Style
A
C
F
LEAD LENGTH
± 1.00 (25.4)
STRAIGHT PROBE
300 STAINLESS STEEL
#22 AWG STRANDED, XLPE INSULATED
LABEL
PROBE LENGTH
± 0.030 (0.762)
0.250 ± 0.005
(6.35 ± 0.127)
LEAD LENGTH
± 1.00 (25.4)
3/8 - 18 NPT THREADED PROBE
300 STAINLESS STEEL
#22 AWG STRANDED, XLPE INSULATED
LABEL
PROBE LENGTH
± 0.030 (0.762)
3/8 - 18 NPT
THREADS
0.250 ± 0.005
(6.35 ± 0.127)
0.690 ± 0.010
(17.53 ± 0.254)
HEX
LEAD LENGTH
± 1.00 (25.4)
1/2 - 14 NPT THREADED PROBE
300 STAINLESS STEEL
#22 AWG STRANDED, XLPE INSULATED
LABEL
PROBE LENGTH
± 0.030 (0.762)
1/2 - 14 NPT
THREADS
0.250 ± 0.005
(6.35 ± 0.127)
0.870 ± 0.010
(22.10 ± 0.254)
HEX
SENSOR SELECTION
Notes:
- Consult Sensata for other less standard temperature sensing options
Code
Type
Input
Output
Output Change
W/ Temperature
Sense Element
Tolerance
Temperature
Range
10
RTD
1 mA
100Ω at 0°C
0.385Ω per °C
±0.15°C at 0°C
-40°C to 125°C
31
THERMISTOR
0.4 mA
10,000Ω at 25°C
NON-LINEAR (NTC)
±0.6°C at 25°C
-40°C to 125°C
NUMBER OF WIRES
CODE
SENSOR WIRING
2
Wires for sensor codes 10, 31
3
Wires for sensor codes 10
2 wire
2 wire
3 wire
WIRE COLOR SCHEMATIC
OPTION 10
RED
WHITE
OPTION 10
RED
RED
WHITE
OPTION 31
BLACK
BLACK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com