Electronic Components Datasheet Search
  English  ▼

X  

CSW2012-X Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # CSW2012-X
Description  COMPACT SINE WAVE ON THE GO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CSW2012-X Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  CSW2012-X Datasheet HTML 1Page - Sensata Technologies, Inc. CSW2012-X Datasheet HTML 2Page - Sensata Technologies, Inc. CSW2012-X Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CONTACT US
651-653-7000
800-553-6418
InverterInfo@sensata.com
Power Conversion
www.magnum-dimensions.com
Page 3
Rev: 07/20/19 Part#64-0665 vC
Copyright © 2019 Sensata Technologies, Inc.
Sensata Technologies, Inc. (“Sensata”) data sheets are solely intended to assist designers (“Buyers”) who are developing systems that
incorporate Sensata products (also referred to herein as “components”). Buyer understands and agrees that Buyer remains responsible
for using its independent analysis, evaluation and judgment in designing Buyer’s systems and products. Sensata data sheets have
been created using standard laboratory conditions and engineering practices. Sensata has not conducted any testing other than that
specifically described in the published documentation for a particular data sheet. Sensata may make corrections, enhancements,
improvements and other changes to its data sheets or components without notice.
Buyers are authorized to use Sensata data sheets with the Sensata component(s) identified in each particular data sheet. HOWEVER, NO
OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND
NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA DATA SHEETS
ARE PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATA SHEETS OR USE
OF THE DATA SHEETS, EXPRESS, IMPLIED OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS
ANY WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET
ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD
TO SENSATA DATA SHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com SENSATA ASSUMES NO LIABILITY
FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY
RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY AND SAFETY-RELATED REQUIREMENTS CONCERNING ITS PRODUCTS,
AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED INFORMATION
OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA.
www.sensata.com
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
6.9” x 7.9” x 3.4”
[17.5cm x 20.1cm x
8.6cm]
12.63” x 7.0” x 3.5”
[32.1cm x 17.8cm x
8.9cm]
16.3” x 9.1” x 4.3”
[41.4cm x 23.1cm x
10.9cm]
17” x 9” x 4.5”
[43.2cm x 22.9cm x
11.4cm]
Shipping dimensions (L x W x H)
7.9” x 6.9” x 3.5”
[20.1cm x 17.5cm x
8.9cm]
15.5” x 8.75” x 5.63”
[39.2cm x 22.3cm x
14.3cm]
19” x 11.3” x 6.7”
[48.3cm x 28.7cm x
17cm]
19” x 11.3” x 6.7”
[48.3cm x 28.7cm x
17cm]
Mounting
Shelf [top or bottom up] or bulkhead
Weight
3.8 lb [1.7 kg]
6.6 lb [3.0 kg]
11.5 lb [5.2 kg]
13.0 lb [5.9 kg]
Shipping weight
4 lb [1.8 kg]
7.5 lb [3.4 kg]
13 lb [5.9 kg]
14.1 lb [31 kg]
Operating temperature
-0°C to +40°C [32°F to 104°F]
Nonoperating temperature
-20°C to +60°C [-4°F to 140°F]
Operating humidity
0 to 90% RH non condensing
Max operating altitude
9843’ [3000 m] above sea level
AGENCY APPROVALS & CERTIFICATIONS
• Conforms to UL458, Certified to CSA C22.2 No. 107.1, meets FCC Class B
Testing for specifications at 25°C.
Specifications subject to change without notice.
GENERAL NOTES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com