Electronic Components Datasheet Search
  English  ▼

X  

GV200 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # GV200
Description  500 Amp 12-800 Vdc Contactor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

GV200 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  GV200 Datasheet HTML 1Page - Sensata Technologies, Inc. GV200 Datasheet HTML 2Page - Sensata Technologies, Inc. GV200 Datasheet HTML 3Page - Sensata Technologies, Inc. GV200 Datasheet HTML 4Page - Sensata Technologies, Inc. GV200 Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
G V200
G V200
FEATURES
Hermetically Sealed – Designed to meet: UL1604 for Class I & II, Div 2 and Class III for use in hazardous
locations, IP67 for temporary water immersion for 30 min, SAE J1171 - external ignition protection, and
ISO8846 for protection against ignition around flammable gasses.
Meets CE Conformance standards and is UL508 Recognized.
High Efficiency Dual DC Coils – Very low 12, 24, or 48VDC continuous coil power with no EMI emissions or
cross-talk on your system control power. Ideal for battery powered systems or where low power is needed.
PWM coil options provide additional drive control flexibility.
Built-in coil suppression for all DC coils – Saves you engineering time and parts cost to add external coil suppression.
Stainless steel nuts and mounting inserts, for years of corrosion free service.
Not position sensitive – can be mounted in any position for ease of installation.
500+ Amp
12-800 Vdc Contactor
ADVANCED SWITCHING SOLUTIONS
Rev 9
16/feb/22


Similar Part No. - GV200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2 SCHNEIDER-GV2 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
logo
Sensata Technologies, I...
GV21 SENSATA-GV21 Datasheet
535Kb / 3P
SPST-NO 900 VDC CONTACTOR
Rev:23/Feb/2022
GV22 SENSATA-GV22 Datasheet
604Kb / 6P
200 AMP 800 VDC CONTACTOR
Rev:28-Apr-2022
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
400 AMP 800 VDC CONTACTOR
28-Apr-2022
More results

Similar Description - GV200

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ220-12MFP CENTRAL-CQ220-12MFP Datasheet
80Kb / 2P
12 AMP TRIAC 600 THRU 800 VOLTS
CQDD-12M CENTRAL-CQDD-12M Datasheet
75Kb / 2P
12 AMP TRIAC 600 THRU 800 VOLTS
CSDD-12M CENTRAL-CSDD-12M Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIER 12 AMP, 600 THRU 800 VOLTS
logo
List of Unclassifed Man...
H-A4A ETC2-H-A4A Datasheet
925Kb / 14P
CONTACTOR 60 AMP
logo
International Rectifier
OM5010ST IRF-OM5010ST_15 Datasheet
23Kb / 2P
12 Amp, 800 & 1000 Volts, 50 nsec trr
logo
TE Connectivity Ltd
EV200 TEC-EV200 Datasheet
297Kb / 2P
KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
logo
Sensata Technologies, I...
GX11 SENSATA-GX11 Datasheet
1Mb / 4P
150 Amp 12-800 Vdc Contactor
Rev 6 10/23/15
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
400 AMP 800 VDC CONTACTOR
28-Apr-2022
HX24 SENSATA-HX24 Datasheet
349Kb / 5P
1500 VDC CONTACTOR
26/Jan/22
logo
Leach International Cor...
L-X0X LEACH-L-X0X Datasheet
558Kb / 6P
CONTACTOR 90 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com