Electronic Components Datasheet Search
  English  ▼

X  

GV21 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # GV21
Description  SPST-NO 900 VDC CONTACTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

GV21 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  GV21 Datasheet HTML 1Page - Sensata Technologies, Inc. GV21 Datasheet HTML 2Page - Sensata Technologies, Inc. GV21 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2022 Sensata Technologies, Inc.
| GV21 Series
SPST-NO 900 VDC CONTACTOR
Features
Introduction
Applications
SPECIFICATIONS
Contact Arrangement
Main Contacts SPST-NO (Form X)
Mechanical Life
1 million cycles
Contact Resistance
0.5mΩ (max) @ 100A
Shock, 11ms 1/2 sine (operating)
20G peak
Sine Vibration, 55-2,000 Hz.
20G peak
Weight
6.7 oz (190g)
Voltage Rating: Main Contacts (max)
900VDC
Current Rating: Main
Contacts
Continuous (8.4 mm2 / 8 AWG)1 100A
Continuous (21 mm2 / 4 AWG)1
150A
Short Term -- 3 Minutes2
200A
Maximum Short Circuit Current (1/2 cycle, 60 Hz)
(through closed contacts)
1,250A
Dielectric Withstand
Voltage (ASTM D149)
Between Open Contacts
>5,000Vrms
Contacts to Coil
>3,000Vrms
Insulation Resistance,
Terminal to Terminal /
Terminals to Coil
When New
500 MΩ, min. @ 500Vdc
At End of Life
50 MΩ, min. @ 500Vdc
Operating Temperature Range
-40°C to +85°C
Environmental Seal
Exceeds IP67 and IP69
Salt Fog Spray
MIL-STD-810G
• Hermetically sealed and intrinsically safe. Not mounting position
sensitive.
• Operates in explosive/harsh environments without oxidation or
contamination of contacts.
• Eligible for use in hazardous/classified operating environments
• High voltage isolation between open contacts, inert gas filled contact
chamber
• Designed and built in accordance to IATF-16949
• Flying leads for coil connections
Sensata | GIGAVAC GV21 Series contactors are hermetically sealed, gas filled contactors suitable for use in harsh environments. With contact
voltage ratings from 12Vdc to 900Vdc and a hot switchable continuous carry current of 100A, the compact GV21 Series is ready to solve your next
challenging application problem. Like all Sensata | GIGAVAC advanced switching solutions these contactors can be mounted in any axis or orientation
and are sealed to withstand a variety of harsh environments. GV21 Series contactors meet RoHS and CE Conformance requirements and are built in
accordance to IATF-16949.
• Battery electric vehicles
• DC motor controller protection
• DC fast charging
• Photovoltaic controls
• Energy Storage systems


Similar Part No. - GV21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2 SCHNEIDER-GV2 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
Manual Motor Starters, Controllers, and Protectors
logo
Sensata Technologies, I...
GV200 SENSATA-GV200 Datasheet
793Kb / 5P
500 Amp 12-800 Vdc Contactor
GV22 SENSATA-GV22 Datasheet
604Kb / 6P
200 AMP 800 VDC CONTACTOR
Rev:28-Apr-2022
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
400 AMP 800 VDC CONTACTOR
28-Apr-2022
More results

Similar Description - GV21

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SD130A MACOM-SD130A Datasheet
50Kb / 1P
SPST, 400 Amps, 28 VDC
LEV100 MACOM-LEV100 Datasheet
170Kb / 6P
KILOVAC LEV100 Series 900 Vdc Contactor
logo
Omron Electronics LLC
G6C-2114P-US-DC5 OMRON-G6C-2114P-US-DC5 Datasheet
594Kb / 12P
SPST-NO Type Breaks 10-A Loads; SPST-NO SPST-NC Breaks 8-A Load
logo
TE Connectivity Ltd
EV200 TEC-EV200 Datasheet
297Kb / 2P
KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
logo
Kemet Corporation
C44UOGT6900M51K KEMET-C44UOGT6900M51K Datasheet
71Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 900 uF, 10%, 900 VDC
logo
Schneider Electric
276AXXH-24D SCHNEIDER-276AXXH-24D Datasheet
200Kb / 4P
Power relay, SE Relays, SPST-NO, 10A, 24 VDC, epoxy sealed
Jul 19, 2021
276AXXH-12D SCHNEIDER-276AXXH-12D Datasheet
216Kb / 4P
Power relay, SE Relays, SPST-NO, 10A, 12 VDC, epoxy sealed
Jul 19, 2021
276AXXH-5D SCHNEIDER-276AXXH-5D Datasheet
214Kb / 4P
Power relay, SE Relays, SPST-NO, 10A, 5 VDC, epoxy sealed
Jul 19, 2021
logo
Sensata Technologies, I...
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
400 AMP 800 VDC CONTACTOR
28-Apr-2022
HX24 SENSATA-HX24 Datasheet
349Kb / 5P
1500 VDC CONTACTOR
26/Jan/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com