Electronic Components Datasheet Search
  English  ▼

X  

ZDC834ATA Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZDC834ATA
Description  Silicon 25V hyperabrupt varactor diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZDC834ATA Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZDC834ATA Datasheet HTML 1Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 2Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 3Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 4Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 5Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 6Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 7Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
830 series
Issue 11 - January 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Order codes and device marking
Note:
The order codes are shown as TA which is for 7 inch reels. For 13 inch reels substitute TC in place of TA in the order code.
Tape and reel information
SOT23
SOD323
SOD523
SOT23
SOT323
Order code
Mark
Order code
Mark
Order code
Mark
Order code
Mark
Order code
Mark
ZC829ATA
J9A
ZMV829ATA
AA
ZC829BTA
J9B
ZMV829BTA
CA
ZC830ATA
J1A
ZMV830ATA
AB
ZC830BTA
J1B
ZMV830BTA
CB
ZC831ATA
J3A
ZMV831ATA
AC
ZC831BTA
J3B
ZMV831BTA
CC
ZV831BV2TA
81
ZMDC831BTA
CC
ZC832ATA
J4A
ZMV832ATA
AD
ZC832BTA
J4B
ZMV832BTA
CD
ZV832BV2TA
82
ZMDC832BTA
CD
ZC833ATA
J2A
ZMV833ATA
AE
ZDC833ATA
C2A
ZC833BTA
J2B
ZMV833BTA
CE
ZC834ATA
J5A
ZMV834ATA
AF
ZDC834ATA
C5A
ZC834BTA
J5B
ZMV834BTA
CF
ZC835ATA
J6A
ZMV835ATA
AG
ZC835BTA
J6B
ZMV835BTA
CG
ZC836ATA
J7A
ZC836BTA
J7B
Reel code
Reel size
(inches)
Tape width
(millimeters)
Quantity per reel
TA
7
8
3,000
TC
13
8
10,000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com