Electronic Components Datasheet Search
  English  ▼

X  

BAW000P Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAW000P
Description  Inductive Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAW000P Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAW000P Datasheet HTML 1Page - Balluff Korea Ltd. BAW000P Datasheet HTML 2Page - Balluff Korea Ltd. BAW000P Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inductive Sensors
BAW M08EI-UAD15B-BP00,5-GS04
Order Code: BAW000P
Internet
www.balluff.com
eCl@ss 9.1: 27-27-08-02
Subject to change without notice: 285571
ETIM 6.0: EC001818
BAW000P_1.2_2023-10-17
1 / 3
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
IEC 60947-5-7
Display/Operation
Power indicator
no
Electrical connection
Cable diameter D
3.00 mm
Cable length L
0.5 m
Connection
M12x1-Male, 3-pin, A-coded
Connection type
Cable with connector, 0.50 m, PUR
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Limit frequency –3 dB
1000 Hz
Load resistance RL min.
2000 Ohm
No-load current Io max. at Ue
8 mA
Operating voltage Ub
15...30 VDC
Protection class
II
Rated insulation voltage Ui
250 V AC
Rated operating voltage Ue DC
24 V
Ripple max. (% of Ue)
15 %
Slope U
10.00 V/mm
Environmental conditions
Ambient temperature
-10...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP67
Functional safety
MTTF (40 °C)
640 a
Interface
Analog output
Analog, voltage 0...10 V
Output characteristic
falling on approach
Output voltage at SI max.
10 V
Output voltage at SI min.
0 V
Output voltage at Se
5 V
Material
Housing material
Stainless steel
Material jacket
PUR
Material sensing surface
PBT
Mechanical data
Dimension
Ø 8 x 51.5 mm
Installation
for flush mounting
Size
M8x1
Tightening torque
5 Nm
n


Similar Part No. - BAW000P

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAW000J BALLUFF-BAW000J Datasheet
100Kb / 2P
Inductive Sensors
2023-09-29
BAW000T BALLUFF-BAW000T Datasheet
102Kb / 2P
Inductive Sensors
2023-03-15
BAW000U BALLUFF-BAW000U Datasheet
102Kb / 2P
Inductive Sensors
2023-04-05
BAW000W BALLUFF-BAW000W Datasheet
102Kb / 2P
Inductive Sensors
2023-12-21
More results

Similar Description - BAW000P

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com