Electronic Components Datasheet Search
  English  ▼

X  

B25856 Datasheet(PDF) 5 Page - EPCOS

Part # B25856
Description  MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25856 Datasheet(HTML) 5 Page - EPCOS

  B25856 Datasheet HTML 1Page - EPCOS B25856 Datasheet HTML 2Page - EPCOS B25856 Datasheet HTML 3Page - EPCOS B25856 Datasheet HTML 4Page - EPCOS B25856 Datasheet HTML 5Page - EPCOS B25856 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Please read
Cautions and warnings and
5
09/05
Important notes at the end of this document.
MKV AC, MKV DC Capacitors
LSI Snubbering and Clamping
B25856
VRDC = AC 3000 V
VR = AC 2500 V
= 3600 V
vs = 5200 V
VTT = AC 3200 V, 10 s
0.5
70
2200
5500 1.9
<20
68
× 79
2
550
B25856K7504K013
1
80
3000
7500 1.1
<20
83
× 79
2
700
B25856K7105K003
1.5
80
4800
12000 0.7
<20
93
× 79
2
800
B25856K7155K013
2
80
3600
9000 1.3
<20
88
× 100
2
900
B25856K7205K003
2.5
80
4500
11000 1.0
<20
98
× 100
2
1100
B25856K7255K003
3
80
3600
9000 1.9
<10
88
× 142 2
1100
B25856J7305J003
3.5
80
4200
10500 1.7
<20
93
× 142
2
1400
B25856K7355K003
4
80
4800
12000 1.5
<20
98
× 142
2
1500
B25856K7405K003
5
80
6000
15000 1.2
<20 108
× 142
2
1800
B25856K7505K003
VRDC = AC 3300 V
VR = AC 2800 V
= 4000 V
vs = 5800 V
VTT = AC 3500 V, 10 s
0.1
20
350
900 8.0
<20
40
× 70
1
160
B25856K3104K003
0.5
70
1800
4500 1.7
<20
73
× 79
2
600
B25856K3504K003
2.5
80
3500
8800 2.0
<20
88
× 142
2
1300
B25856K3255K003
VRDC = AC 4000 V
VR = AC 3400 V
= 4800 V
vs = 7000 V
VTT = AC 4300 V, 10 s
0.2
50
1200
3000 2.6
<20
53
× 70
1
250
B25856K2204K003
0.5
80
3000
7500 1.1
<20
83
× 79
2
700
B25856K2504K003
1
80
3500
8800 1.3
<20
88
× 105
2
1000
B25856K2105K003
2
80
5000
12500 1.3
<20
98
× 126
2
1350
B25856K2205K003
2.5
80
3800
9400 2.3
<20
88
× 168
2
1500
B25856K2255K003
3
80
4500
11000 2.0
<20
98
× 168
2
1700
B25856K2305K003
4
80
6000
15000 1.5
<20 108
× 168
2
2100
B25856K2405K003
Characteristics and ordering codes
CR1)
μF
Imax
A
î
A
Is
A
RS
20
°C
m
Ω
Lself
nH
Dimensions
d
× l
mm
Fig. Appr.
weight
g
Ordering code
1) Other capacitance values upon request
vˆ
vˆ
vˆ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com