Electronic Components Datasheet Search
  English  ▼

X  

BAW002J Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BAW002J
Description  Inductive Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAW002J Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BAW002J Datasheet HTML 1Page - Balluff Korea Ltd. BAW002J Datasheet HTML 2Page - Balluff Korea Ltd. BAW002J Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inductive Sensors
BAW M18MI-ICC50B-S04G
Order Code: BAW002J
Internet
www.balluff.com
eCl@ss 9.1: 27-27-08-02
Subject to change without notice: 278050
ETIM 6.0: EC001818
BAW002J_0.72_2023-09-29
2 / 3
Range/Distance
Linearity range Sl
1...5 mm
Measuring range
1...5 mm
Non-linearity max.
±120 µm
Repeat accuracy per BWN
±8 µm
Temperature drift max. from end value
±5.0 %
Remarks
With connector, e.g. BKS-S 20-… total length = switch length +18 mm.
Values referenced to axial approach of St 37 target. For other materials correction factors are applied.
Load resistance RL max. applies for Ub min. 16V.
When used in Balluff clamping holders, Ua may be reduced by max. 10%.
Scattering (e.g. due to manufacturing tolerances) is described by the tolerance T at Se. This can be approximated using the formula: T = (slmax + slmin) / 20
= ± xx mm.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com