Electronic Components Datasheet Search
  English  ▼

X  

PDIUSBH11 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PDIUSBH11
Description  Universal Serial Bus Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH11 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PDIUSBH11 Datasheet HTML 16Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 17Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 18Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 19Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 20Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 21Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 22Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 23Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Philips Semiconductors
Product specification
PDIUSBH11
Universal Serial Bus Hub
1997 Aug 01
20
AC CHARACTERISTICS (AI/O PINS. LOW SPEED)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Driver Characteristics:
CL = 50pF and 350pF;
Rpu = 1.5KΩ on D– to VCC
TLR
TLF
Transition time:
Rise time
Fall tIme
Between 10% and 90%
CL = 50pF
CL = 350pF
CL = 50pF
CL = 350pF
75
75
300
300
ns
VLCRS
Output signal crossover voltage
1.3
2.0
V
Driver Timings:
TLEOPT
Source EOP width
Figure 1
1.25
1.50
ns
TLDEOP
Differential data to EOP transition skew
Figure 1
–40
100
ns
Receiver Timings:
TLEOPR1
TLEOPR2
EOP width at receiver
Must reject as EOP
Must accept
Figure 1
330
675
ns
Hub Timings:
CL = 50pF and 350pF;
Rpu = 1.5KΩ on D– to VCC
TLHDD
Hub differential data delay
Figure 2
300
ns
TLSOP
Data bit width distortion after SOP
Figure 2
–65
45
ns
TLEOPDR
Hub EOP delay relative to THDD
Figure 3
0
200
ns
TLHESK
Hub EOP output width skew
Figure 3
–300
+300
ns
SV00513
DIFFERENTIAL
DATA LINES
TPERIOD
CROSSOVER
POINT EXTENDED
CROSSOVER
POINT
SOURCE EOP WIDTH:
TEOPT
RECEIVER EOP WIDTH: TEOPR1, TEOPR2
DIFFERENTIAL DATA TO
SEO/EOP SKEW
N* TPERIOD + TDEOP
Figure 1. Differential Data to EOP Transition Skew and EOP Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com