Electronic Components Datasheet Search
  English  ▼

X  

B32583 Datasheet(PDF) 4 Page - EPCOS

Part # B32583
Description  MFT pulse capacitors with highest possible contact reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32583 Datasheet(HTML) 4 Page - EPCOS

  B32583 Datasheet HTML 1Page - EPCOS B32583 Datasheet HTML 2Page - EPCOS B32583 Datasheet HTML 3Page - EPCOS B32583 Datasheet HTML 4Page - EPCOS B32583 Datasheet HTML 5Page - EPCOS B32583 Datasheet HTML 6Page - EPCOS B32583 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
111 12/00
MFT
Capacitance tolerance:
± 10 % =ˆ K, ± 5 % =ˆ J
Ordering codes and packing units, lead spacing 15 mm
VR
(Vrms,
f
≤ 60 Hz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
3000 Vdc
1,5 nF
7,0
× 12,5 × 18
B32582-A9152-+*** 830
900
1000
2,2 nF
7,0
× 12,5 × 18
B32582-A9222-+*** 830
900
1000
3,3 nF
8,5
× 14,5 × 18
B32582-A9332-+*** 680
700
500
4,7 nF
9,0
× 17,5 × 18
B32582-A9472-+*** 640
700
500
Ordering codes and packing units, lead spacing 22,5 mm
VR
(Vrms,
f
≤ 60 Hz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
Pack
Reel
Untaped
3000 Vdc
6,8 nF
8,5
× 16,5 × 26,5 B32583-A9682-+*** 480
500
510
10
nF 10,5
× 16,5 × 26,5 B32583-A9103-+*** 390
400
540
Ordering codes and packing units, lead spacing 27,5 mm
VR
(Vrms,
f
≤ 60 Hz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
Pack
Reel
Untaped
1250 Vdc
47 nF
11,0
× 21,0 × 31,5 B32584-A7473-+*** –
350
320
56 nF
11,0
× 21,0 × 31,5 B32584-A7563-+*** –
350
320
68 nF
11,0
× 21,0 × 31,5 B32584-A7683-+*** –
350
320
1) +
Code letter for capacitance tolerance
***
Code number for packing: Ammo pack = 289, reel = 189
The ordering code for untaped components ends after the tolerance code letter.
… B 32 584
B32 582



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com