Electronic Components Datasheet Search
  English  ▼

X  

QPC6014 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPC6014
Description  Absorptive High Isolation SPST Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC6014 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPC6014 Datasheet HTML 1Page - Qorvo, Inc QPC6014 Datasheet HTML 2Page - Qorvo, Inc QPC6014 Datasheet HTML 3Page - Qorvo, Inc QPC6014 Datasheet HTML 4Page - Qorvo, Inc QPC6014 Datasheet HTML 5Page - Qorvo, Inc QPC6014 Datasheet HTML 6Page - Qorvo, Inc QPC6014 Datasheet HTML 7Page - Qorvo, Inc QPC6014 Datasheet HTML 8Page - Qorvo, Inc QPC6014 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QPC6014
Absorptive High Isolation SPST Switch
Datasheet Rev F April 26, 2022 | Subject to change without notice
2 of 11
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Value
Units
Supply Voltage VDD
+6
V
Control Voltage VC
+6
V
RF1 or RF2 Input Power,
CW, On-State
+37
dBm
RF1 Input Power,
CW, Off-State, Reflective
+32
dBm
RF2 Input Power,
CW, Off-State, Absorptive
+29
dBm
Storage Temperature
−40 to +150
°C
Exceeding any one or a combination of the Absolute Maximum
Rating conditions may cause permanent damage to the device.
Extended application of Absolute Maximum Rating conditions to
the device may reduce device reliability. Specified typical
performance or functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Package Backside Pad Temperature
−40
+105
°C
Switching Transistor Junction Temperature
+125
°C
Supply Voltage VDD
+2.7
+3.0
+5.5
V
RF1 or RF2 Input Power,
CW, On-State
< 500MHz, +85°C
+30.5
dBm
> 500MHz, +85°C
+35.0
dBm
< 500MHz, +105°C
+27.5
dBm
> 500MHz, +105°C
+32.0
dBm
RF2 Input Power,
CW, Off-State
+85°C
+28.5
dBm
+105°C
+25.5
dBm
Recommendations are based on measurement at specified conditions. There is no
guarantee over all combinations of operating condition. In common switch applications,
the maximum input power could be limited by a lower level specified in Off-State or On-
State.
Electrical Specifications
Parameter
Conditions (1)
Min
Typ
Max
Units
Operational Frequency Range
5
6000
MHz
Insertion Loss
( RF1 to RF2 On-State)
VCTRL=+3.3
 V
450 MHz
0.63
dB
900 MHz
0.68
0.83
2100 MHz
0.84
2600 MHz
0.89
0.98
4000 MHz
1.05
Isolation Loss
( RF1 to RF2 Off-State)
VCTRL
=0 V
450 MHz
70
dB
900 MHz
45
64
2100 MHz
53
2600 MHz
35
51
4000 MHz
43
Return Loss
(RFX On-State)
VCTRL=+3.3
 V
450 MHz
20
dB
900 MHz
20
2100 MHz
20
2600 MHz
20
4000 MHz
20
Return Loss
(RF2 Off-State)
VCTRL
=0 V
450 MHz
20
dB
900 MHz
20
2100 MHz
20
2600 MHz
20
4000 MHz
20
Notes:
1. Test conditions unless otherwise noted: VDD=+5 V, Temp.=+25 °C, 50 Ω system



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com