Electronic Components Datasheet Search
  English  ▼

X  

QPD1008 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPD1008
Description  125W, 50V, DC – 3.2 GHz, GaN RF Transistor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008 Datasheet(HTML) 3 Page - Qorvo, Inc

  QPD1008 Datasheet HTML 1Page - Qorvo, Inc QPD1008 Datasheet HTML 2Page - Qorvo, Inc QPD1008 Datasheet HTML 3Page - Qorvo, Inc QPD1008 Datasheet HTML 4Page - Qorvo, Inc QPD1008 Datasheet HTML 5Page - Qorvo, Inc QPD1008 Datasheet HTML 6Page - Qorvo, Inc QPD1008 Datasheet HTML 7Page - Qorvo, Inc QPD1008 Datasheet HTML 8Page - Qorvo, Inc QPD1008 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
QPD1008
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. E, May 2020 | Subject to change without notice
3 of 23
www.qorvo.com
Pulsed Characterization
– Load-Pull Performance – Efficiency Tuned1
Parameters
Typical Values
Unit
Frequency
1
2
3
GHz
Linear Gain, GLIN
23.5
18.6
15.2
dB
Output Power at 3dB
compression point, P3dB
48.2
50.2
51.0
dBm
Drain Efficiency at 3dB
compression point, DEFF3dB
76.2
74.6
69.7
%
Gain at 3dB compression point,
G3dB
20.5
15.6
12.2
dB
Notes:
1.
Test conditions unless otherwise noted: VD = +50
 V, IDQ = 260 mA, Temp = +25 °C
Pulsed Characterization
– Load-Pull Performance – Power Tuned1
Parameters
Typical Values
Unit
Frequency, F
1
2
3
GHz
Linear Gain, GLIN
22.5
17.5
14.1
dB
Output Power at 3dB
compression point, P3dB
52.0
52.1
51.9
dBm
Drain Efficiency at 3dB
compression point, DEFF3dB
63.4
62.1
59.2
%
Gain at 3dB compression point
19.5
14.4
11.1
dB
Notes:
1.
Test conditions unless otherwise noted: VD = +50
 V, ID = 260 mA, Temp = +25 °C
RF Characterization
– EVB1 Performance at 1.09 GHz1
Parameter
Min
Typ
Max
Units
Linear Gain, GLIN
–
20
–
 dB
Output Power at 3dB compression point, P3dB
–
51.2
–
dBm
Drain Efficiency at 3dB compression point,
DEFF3dB
–
73.5
–
%
Gain at 3dB compression point, G3dB
–
17
–
dB
Notes:
1. VD = +50 V, IDQ = 260 mA, Temp = +25 °C, Pulse Width = 128 uS, Duty Cycle = 10%
RF Characterization
– Mismatch Ruggedness at 1.09 GHz
Symbol Parameter
dB Compression
Typical
VSWR
Impedance Mismatch Ruggedness
3
 10:1
Test conditions unless otherwise noted: TA = 25 °C, VD = 50 V, IDQ = 260 mA
Driving input power is determined at pulsed 3dB compression under matched condition at EVB output connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com