Electronic Components Datasheet Search
  English  ▼

X  

RFAM3620 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # RFAM3620
Description  CATV Edge QAM MCM 1218MHz 36dB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFAM3620 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button RFAM3620 Datasheet HTML 2Page - Qorvo, Inc RFAM3620 Datasheet HTML 3Page - Qorvo, Inc RFAM3620 Datasheet HTML 4Page - Qorvo, Inc RFAM3620 Datasheet HTML 5Page - Qorvo, Inc RFAM3620 Datasheet HTML 6Page - Qorvo, Inc RFAM3620 Datasheet HTML 7Page - Qorvo, Inc RFAM3620 Datasheet HTML 8Page - Qorvo, Inc RFAM3620 Datasheet HTML 9Page - Qorvo, Inc RFAM3620 Datasheet HTML 10Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RFAM3620
Data Sheet Rev. K, Oct 07, 2021 | Subject to change without notice
7 of 10
www.qorvo.com
®
RFAM3620 Temperature Sensing Feature
The RFAM3620 provides an internal NTC resistor for temperature sensing. This resistor is located right next to the output
transistor stage. Within the application circuit the NTC is part of a voltage divider. The output voltage of the voltage divider
(Vt) can be correlated to the module backside temperature.
Module Backside Temperature versus Vt (typical values)
20
30
40
50
60
70
80
90
100
110
750
1000
1250
1500
1750
2000
2250
2500
2750
3000
3250
3500
3750
Temperature [°C]
Vt [mV]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com