Electronic Components Datasheet Search
  English  ▼

X  

RFAM3620SB Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RFAM3620SB
Description  CATV Edge QAM MCM 1218MHz 36dB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFAM3620SB Datasheet(HTML) 5 Page - Qorvo, Inc

  RFAM3620SB Datasheet HTML 1Page - Qorvo, Inc RFAM3620SB Datasheet HTML 2Page - Qorvo, Inc RFAM3620SB Datasheet HTML 3Page - Qorvo, Inc RFAM3620SB Datasheet HTML 4Page - Qorvo, Inc RFAM3620SB Datasheet HTML 5Page - Qorvo, Inc RFAM3620SB Datasheet HTML 6Page - Qorvo, Inc RFAM3620SB Datasheet HTML 7Page - Qorvo, Inc RFAM3620SB Datasheet HTML 8Page - Qorvo, Inc RFAM3620SB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RFAM3620
Data Sheet Rev. K, Oct 07, 2021 | Subject to change without notice
5 of 10
www.qorvo.com
®
Evaluation Board Bill of Materials (BOM)
Reference Des.
Value
Description
Manuf.
Part Number
PCB
Rev B
PCB RFAM3620
– EVB 842B
Qorvo
C1, C7, C10, C11, C15, C16
DNI
optional to improve matching in application
C2, C3, C4, C5, C6, C8, C9,
C12
4.7 nF
CAP, 0402, 10%, 50V, X7R
C13, C14
DNI
optional blocking CAP
C17, C18
0.3 pF
CAP, 0402, ±0.1pF, 50V, C0G
R1
2.7 k
Ω
RES, 0402, 1%, TK100
R2
3.3 k
Ω
RES, 0402, 1%, TK100
FB1
60
Ω
Impedance Bead, 0603, 60
Ω @ 100MHz,
LM, DCR 0.10
Ω, 800mA
TaiyoYuden
BK 1608 HS 600
D1, D4
25 V
ESD Protection Diode TQP200002,
TSLP3
Qorvo/ Unisem
TQP200002
D2
5.6 V
Zener Diode MM3Z5V6T1G, SOD-323
ON Semi
MM3Z5V6T1G
D3
13 V
Diode, TVS, PTVS13VS1UR, SOD123W
NXP
PTVS13VS1UR
T1
RFXF0006
Qorvo
T2
RFXF0008
Qorvo
T3
RFXF0009
Qorvo
U1
DUT
RFAM3620
Qorvo
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com