Electronic Components Datasheet Search
  English  ▼

X  

AT2 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # AT2
Description  SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

AT2 Datasheet(HTML) 1 Page - Zetex Semiconductors

  AT2 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 – JANUARY 1996
7
COMPLEMENTARY TYPE – BST15
PARTMAKING DETAIL — AT2
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
250
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
1A
Continuous Collector Current
IC
500
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
300
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
250
V
IC=1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA, IC=0
Emitter Cut-Off Current
IEBO
10
µA
VEB=5V, IE=0
Collector Cut-Off Current
ICBO
20
nA
VCB=300V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
V
IC=50mA, IB=4mA
Base-Emitter
Saturation Voltage
VBE(sat)
1.3
V
IC=50mA, IB=4mA
Static Forward Current
Transfer Ratio
hFE
40
IC=20mA, VCE=10V*
Transition Frequency
fT
70
MHz
IC=10mA, VCE=10V,
f=5MHz
Output Capacitance
Cobo
2pF
VCB=10V, f=1MHz
Input Capacitance
Cibo
30
pF
VEB=5V, f=1MHz
* Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
For typical characteristics graphs see FMMTA42 datasheet.
BST40
C
C
B
E
SOT89
3 - 78


Similar Part No. - AT2

ManufacturerPart #DatasheetDescription
logo
EPCOS
AT2 EPCOS-AT2 Datasheet
127Kb / 7P
Pressure sensors Absolute pressure transducers
logo
Yuechung International ...
AT2.4G YIC-AT2.4G Datasheet
1Mb / 9P
2.4 GHz External Antenna with Cable
AT2.4G YIC-AT2.4G Datasheet
560Kb / 5P
2.4GHz External Antenna
AT2.4G YIC-AT2.4G Datasheet
410Kb / 5P
2.4GHz External Antenna
AT2.4G YIC-AT2.4G Datasheet
254Kb / 4P
2.4GHz External Antenna
More results

Similar Description - AT2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN16 ZETEX-BFN16 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN18 ZETEX-BFN18 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX495 ZETEX-FCX495_07 Datasheet
275Kb / 6P
SOT89 NPN silicon planar high voltage transistor
FCX593 ZETEX-FCX593_06 Datasheet
415Kb / 6P
SOT89 Silicon planar high voltage transistor
logo
Diodes Incorporated
FCX495 DIODES-FCX495 Datasheet
311Kb / 6P
SOT89 NPN silicon planar high voltage transistor
MAY 2007
FCX593 DIODES-FCX593 Datasheet
255Kb / 6P
SOT89 Silicon planar high voltage transistor
November 2006
SXTA42 DIODES-SXTA42 Datasheet
31Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
FCX458TA DIODES-FCX458TA Datasheet
25Kb / 2P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
OCTOBER 1995
BST39TA DIODES-BST39TA Datasheet
32Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JUNE 1996
SXTA42 DIODES-SXTA42_15 Datasheet
31Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com