Electronic Components Datasheet Search
  English  ▼

X  

BST82 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BST82
Description  SOT23 N CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BST82 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BST82 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 N CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
I
IIssue 2 - October 1997
PARTMARKING DETAIL – O2
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain Source Voltage
VDS
80
V
Drain Source Voltage
(non repetitive peak tp
≤ 2ms)
VDS(sm)
100
V
Continuous Drain Current at Tamb=25°C
ID
175
mA
Drain Current Peak
IDM
600
mA
Gate-Source Voltage
VGS
± 20
V
Max Power Dissipation at Tamb=25°C
PD
300
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRIAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Drain Source
Breakdown Voltage
BVDSS
80
V
IC=100µA
Gate Source
Threshold Voltage
VGS(th)
1.5
3.5
V
ID=1mA, VDS=VGS
Gate Body Leakage
IGSS
100
nA
VGS=20V
Emitter Cut-Off
Current
IDSS
1
µA
VDS=60V
Static Drain-Source
On-state Resistance
RDS(on)
710
Ω
ID=150mA, VGS=5V
Transfer Admittance
| yfs |
150
mS
ID=175mA, VDS=5V
Input Capacitance (2)
Ciss
15
30
pF
VDS=10V, VGS=0V
f=1MHz
Common Source
Output Capacitance (2)
Coss
13
20
pF
Reverse Transfer
Capacitance (2)
Crss
36pF
Switching Times
Ton
410
ns
ID=175mA, VDD=50V
VGS=0 to 10V
Toff
410
ns
(1) Swithcing times measured at 150
Ω source impedance and <5ns rise time on a pulse generator
(2) Sample test
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
SOT23
C
B
E
BST82
BST82
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161-627 5105 (Sales), (44)161-627 4963 (General Enquiries)
Facsimile: (44)161-627 5467
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
87 Modular Avenue
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY11725
Hing Fong Road, Kwai Fong
major countries world-wide
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
©Zetex plc 1995
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any
product or service.


Similar Part No. - BST82

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST82 PHILIPS-BST82 Datasheet
74Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Nexperia B.V. All right...
BST82 NEXPERIA-BST82 Datasheet
372Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 03 - 26 July 2000
logo
TECH PUBLIC Electronics...
BST82 TECHPUBLIC-BST82 Datasheet
6Mb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - BST82

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS170F ETC1-BS170F Datasheet
23Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Zetex Semiconductors
VN10LF ZETEX-VN10LF Datasheet
28Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN3306F DIODES-ZVN3306F Datasheet
105Kb / 3P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVN3306FTA DIODES-ZVN3306FTA Datasheet
105Kb / 3P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVN3320FTA DIODES-ZVN3320FTA Datasheet
56Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
DECEMBER 1995
VN10LFTA DIODES-VN10LFTA Datasheet
29Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
BSS123 DIODES-BSS123_15 Datasheet
50Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Rev 19
VN10LF DIODES-VN10LF_15 Datasheet
26Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVN3306F DIODES-ZVN3306F_15 Datasheet
105Kb / 3P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVN3320F DIODES-ZVN3320F_15 Datasheet
56Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
DECEMBER 1995
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com