Electronic Components Datasheet Search
  English  ▼

X  

BYP57 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # BYP57
Description  35A Silicon Power Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYP57 Datasheet(HTML) 3 Page - Zetex Semiconductors

  BYP57 Datasheet HTML 1Page - Zetex Semiconductors BYP57 Datasheet HTML 2Page - Zetex Semiconductors BYP57 Datasheet HTML 3Page - Zetex Semiconductors BYP57 Datasheet HTML 4Page - Zetex Semiconductors BYP57 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYP57 / BYP58
Thermal resistance
Parameter
Symbol
Value
Unit
Junction to case
RθJC
1.0
°C/W
Thermal characteristics
Forward current derating diagram
140°C
108°C
0
10
20
30
40
-50
-25
0
25
50
75
100
125
150
TC (°C)
Electrical characteristics
(at Tamb = 25°C unless otherwise stated)
Forward voltage characteristic
0
5
10
15
20
25
30
35
40
0,75
0,8
0,85
0,9
0,95
1
1,05
VF (V)
Issue 4 – September 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com