Electronic Components Datasheet Search
  English  ▼

X  

7783AF Datasheet(PDF) 1 Page - Belden Inc.

Part # 7783AF
Description  7783AF - Triax 8, RG-6, 18 AWG Str SPC, SPC BC Braids, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7783AF Datasheet(HTML) 1 Page - Belden Inc.

  7783AF Datasheet HTML 1Page - Belden Inc. 7783AF Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 7783AF
7783AF - Triax 8, RG-6, 18 AWG Str SPC, SPC + BC Braids, PVC Jkt
Product Description
Triax 8, RG-6, 18 AWG (7x28) Stranded Silver plated Copper Conductor, PE Insulation, 80% Silver plated Copper Braid Shield, PE Insulation, 80% Bare
Copper Braid Shield, PVC Jacket.
Technical Specifications
Product Overview
Suitable Applications:
Analog Video; Interconnect camera to CCU (camera control unit)
Construction Details
Series Type:
Triax 8/11/14
Conductor
No. of Elements
Size
Stranding Nom. Diameter
Material
1
14 AWG Stranded
0.99 mm
SC - Silvered Copper
Insulation
Element
Material
Nom. Insulation Diameter
Insulated Conductor PE - Polyethylene (Foam) 4.52 mm (0.178 in)
Inner Shield
Shield Type
Material
Coverage
Braid
Silvered Copper (SC) 80%
Inner Jacket
Material
Nom. Diameter
PE - Polyethylene 6.6 mm (0.26 in)
Outer Shield
Outer Shield Type
Material
Coverage
Braid
Bare Copper (BC) 80%
Outer Jacket
Material
Nom. Diameter
PVC - Polyvinyl Chloride 8.4 mm
Electrical Characteristics
Attenuation
Frequency Nom. Attenuation
1 MHz
0.6 dB/100m
10 MHz
2.2 dB/100m
20 MHz
3.2 dB/100m
40 MHz
4.6 dB/100m
50 MHz
5.1 dB/100m
60 MHz
5.6 dB/100m
100 MHz
7.5 dB/100m


Similar Part No. - 7783AF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7783AFP BELDEN-7783AFP Datasheet
141Kb / 2P
7783AFP - Triax 8, RG-6, 18 AWG Str SPC, SPC BC Braids, PUR Jkt
12-20-2022
More results

Similar Description - 7783AF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8691 BELDEN-8691 Datasheet
199Kb / 2P
Electronic, 6 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
04-19-2023
9161 BELDEN-9161 Datasheet
207Kb / 2P
Electronic, 8 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
04-19-2023
83336E BELDEN-83336E Datasheet
172Kb / 2P
Electronic, 3 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
04-19-2023
83351E BELDEN-83351E Datasheet
186Kb / 2P
Electronic, 4 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
01-20-2023
83321E BELDEN-83321E Datasheet
193Kb / 2P
Electronic, 2 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
01-20-2023
83307E BELDEN-83307E Datasheet
177Kb / 2P
Electronic, 1 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
05-05-2023
83337E BELDEN-83337E Datasheet
174Kb / 2P
Electronic, 3 C #16 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,
01-20-2023
83348E BELDEN-83348E Datasheet
164Kb / 2P
Electronic, 4 C #24 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,
01-20-2023
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com