Electronic Components Datasheet Search
  English  ▼

X  

7784AF Datasheet(PDF) 1 Page - Belden Inc.

Part # 7784AF
Description  7784AF - Triax 11, 15 AWG Str SPC, SPC BC Braids, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7784AF Datasheet(HTML) 1 Page - Belden Inc.

  7784AF Datasheet HTML 1Page - Belden Inc. 7784AF Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 7784AF
7784AF - Triax 11, 15 AWG Str SPC, SPC + BC Braids, PVC Jkt
Product Description
Triax 11, 15 AWG (19x29) Stranded Silver plated Copper Conductor, PE Insulation, 80% Silver plated Copper Braid Shield, PE Insulation, 80% Bare Copper
Braid Shield, PVC Jacket.
Technical Specifications
Product Overview
Suitable Applications:
Analog Video; Interconnect camera to CCU (camera control unit)
Construction Details
Series Type:
Triax 8/11/14
Conductor
No. of Elements
Size
Stranding Nom. Diameter
Material
1
15 AWG Stranded
1.42 mm
SC - Silvered Copper
Insulation
Material
Nom. Insulation Diameter
PE - Polyethylene (Foam) 6.5 mm (0.26 in)
Inner Shield
Shield Type
Material
Coverage
Braid
Silvered Copper (SC) 80%
Inner Jacket
Material
Nom. Diameter
PE - Polyethylene 8.5 mm (0.33 in)
Outer Shield
Outer Shield Type
Material
Coverage
Braid
Bare Copper (BC) 80%
Outer Jacket
Material
Nom. Diameter
PVC - Polyvinyl Chloride 11.3 mm
Electrical Characteristics
Attenuation
Frequency Nom. Attenuation
1 MHz
0.5 dB/100m
5 MHz
1.1 dB/100m
10 MHz
1.7 dB/100m
100 MHz
5.6 dB/100m
360 MHz
11.5 dB/100m
750 MHz
17.1 dB/100m


Similar Part No. - 7784AF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7784ALY BELDEN-7784ALY Datasheet
141Kb / 2P
7784ALY - Triax 11, 15 AWG Solid SPC, Double BC Braids, LSZH-C Jkt
03-30-2023
7784ANH BELDEN-7784ANH Datasheet
142Kb / 2P
7784ANH - Triax 11, 15 AWG Solid SPC, Double BC Braids, LSZH-C Jkt
03-30-2023
7784ANH.011000 BELDEN-7784ANH.011000 Datasheet
142Kb / 2P
7784ANH - Triax 11, 15 AWG Solid SPC, Double BC Braids, LSZH-C Jkt
03-30-2023
7784ANH.01500 BELDEN-7784ANH.01500 Datasheet
142Kb / 2P
7784ANH - Triax 11, 15 AWG Solid SPC, Double BC Braids, LSZH-C Jkt
03-30-2023
More results

Similar Description - 7784AF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83308E BELDEN-83308E Datasheet
177Kb / 2P
Electronic, 1 C #16 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
05-05-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
83304E BELDEN-83304E Datasheet
177Kb / 2P
Electronic, 1 C #24 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,MIL-W-16878/4 (Type E)
05-05-2023
83336E BELDEN-83336E Datasheet
172Kb / 2P
Electronic, 3 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
04-19-2023
83307E BELDEN-83307E Datasheet
177Kb / 2P
Electronic, 1 C #18 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
05-05-2023
83335E BELDEN-83335E Datasheet
212Kb / 2P
Electronic, 3 C #20 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
01-20-2023
83337E BELDEN-83337E Datasheet
174Kb / 2P
Electronic, 3 C #16 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,
01-20-2023
83350E BELDEN-83350E Datasheet
187Kb / 2P
Electronic, 4 C #20 Str SPC, TFE Ins, OA SPC Brd, TFE Jkt, MIL-W-16878/4 (Type E)
07-10-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
83348E BELDEN-83348E Datasheet
164Kb / 2P
Electronic, 4 C #24 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com