Electronic Components Datasheet Search
  English  ▼

X  

MMA Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # MMA
Description  INVERTER/CHARGER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MMA Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  MMA Datasheet HTML 1Page - Sensata Technologies, Inc. MMA Datasheet HTML 2Page - Sensata Technologies, Inc. MMA Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
MMA SERIES | INVERTER/CHARGER
WATERPROOF LED PANEL FOR RUGGED CONDITIONS
Features
• Waterproof Panel – The MMA boasts a waterproof switch and LED
panel for use in the most rugged territory.
• Safe and Reliable – The MMA Series Inverter/Charger is ETL Listed
to the stringent requirements of UL/cUL 458 and CSA C22.2 #107.1-01
for mobile use.
• Attractive Styling – The modern, hourglass case, paired with the
die cast aluminum base combines form with function, creating an
attractive unit that uses its base as a heat sink for superior high
temperature operation.
• Versatile Mounting – Mount the MMA Series on a shelf, bulkhead
(with DC terminals to the right), or even upside down.
• Low/High Battery Protection – If your battery voltage reaches
below 10 VDC or above 16 VDC, the MMA Series will automatically
shut down.
• Fan Cooled – The MMA Series is fan cooled, enabling the unit
to work well in confined spaces. If the inverter does exceed its
temperature limits, it will automatically shut down and then restart
when it cools down.
• Current Overload Protection – The MMA Inverter/Charger will
automatically shut down if its output wattage is exceeded or it
detects a short in the wiring, saving the unit from costly damage.
• Integrated Programming – The MMA Series comes with an on/off
front-mounted switch with an easy-to-read LED indicator. And easily
toggle through settings with the accessible DIP switch.
• Battery Temp Sensor – Automatically adjusts the voltage set-points
based on temperature for better charging performance and longer
battery life.
• Buy with Ease – The MMA Inverter/Charger is backed by a two-year
(24-month) parts and labor warranty.
Introduction
The Magnum Energy MMA Series Inverter/Charger from Sensata Technologies is a modified sine wave inverter providing a cost effective solution
for those with smaller power needs in mobile applications. Ideal for Emergency Vehicles, the MMA is versatile, easy-to-use, lightweight, and
provides a reliable base for your energy system. Connect with Ease: The MMA comes with DC cables with Anderson quick connectors, a GFCI
outlet, and an AC input cord. Auxiliary DC Output Port: Add a small load, such as an interior lamp or backup camera, of less than 20 amps. MMA
must be connected to the battery for the AUX output to be available. Power Factor Corrected (PFC) Charger: Our PFC charger is built into all of
our inverter/chargers. It uses less energy from a generator than a standard charger – using 25-30% less AC current than standard chargers.
Model Numbers
• MMA1212
Available For
• Emergency Vehicle Systems
• Marine Systems
• RV Systems
• Trucks
Available Accessories
• DC Load Disconnect
• Fuse Blocks
• MagWeb
• Remote Monitor - MM-C
• Remote - ME-ARC
• Remote - ME-RC
• Remote - MM-RC


Similar Part No. - MMA

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
MMA TELEDYNE-MMA Datasheet
474Kb / 5P
Controlled with USB or Ethernet
logo
M-System Co.,Ltd.
MMA MSYSTEM-MMA Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Vishay Siliconix
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
logo
Vishay Telefunken
MMA-0204 TFUNK-MMA-0204 Datasheet
205Kb / 14P
Professional Thin Film MELF Resistors
More results

Similar Description - MMA

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
3000W True Sine Wave DC-AC Inverter with Solar Charger
logo
List of Unclassifed Man...
EMS1250UL ETC2-EMS1250UL Datasheet
514Kb / 6P
PowerVerter 1250W Ambulance/EMS Inverter/Charger with 2 Outlets
RV1250ULHW ETC2-RV1250ULHW Datasheet
524Kb / 6P
PowerVerter짰 1250W RV Inverter/Charger with Hardwire Input/Output
UT1250UL ETC2-UT1250UL Datasheet
539Kb / 6P
PowerVerter짰 1250W Utility/Work Truck Inverter/Charger with 2 Outlets
logo
Tripp Lite. All Rights ...
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000 COTEK-SC-2000 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SL-2000 COTEK-SL-2000 Datasheet
210Kb / 2P
2000W Inverter / Charger
20/11/12
SL-3000 COTEK-SL-3000 Datasheet
210Kb / 2P
3000W Inverter / Charger
20/11/12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com