Electronic Components Datasheet Search
  English  ▼

X  

MS-PE Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # MS-PE
Description  INVERTER/CHARGER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MS-PE Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  MS-PE Datasheet HTML 1Page - Sensata Technologies, Inc. MS-PE Datasheet HTML 2Page - Sensata Technologies, Inc. MS-PE Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
Copyright © 2022 Sensata Technologies, Inc.
sensata.com
MS-PE SERIES | INVERTER/CHARGER
Features
• Pure sine wave – Power your T.V.s, stereos, plasma screens,
and other sensitive electronics without worry. The pure sine
wave inverter and power factor corrected charger provide clean,
reliable inverter power with low total harmonic distortion (THD)
of less than 5%.
• Versatile mounting – Mount the MS-PE Series on a shelf
or wall.
• Lightweight – The lightweight aluminum base and cover also
provides noise reduction and corrosion resistance.
• Multiple ports – The MS-PE Series provides multiple ports,
including an RS485 communication port for network expansion,
and a remote port.
• Accessible design – The extra large AC access cover with
terminal screw block and 360° DC connection terminals with
covers make this inverter more accessible when it needs to be.
• Convenient switches – The MS-PE Series comes with an on/off
inverter-mounted switch with an easy-to-read LED indicator.
• Buy with ease – The MS-PE Series is backed by a two-year
(24-month) limited warranty.
Introduction
The MS-PE Series Inverter/Charger from Sensata Technologies is a 230 VAC / 50 Hz, pure sine wave inverter designed specifically for the most
demanding renewable energy applications. The MS-PE Series is powerful, easy-to-use, and best of all, cost effective. Parallel stacking: You can
parallel up to four inverter/chargers for up to 17.2kw of power at 230V. The ME-ARTR Router is required for parallel stacking the MS-PE Series.
Power Factor Corrected (PFC) Charger: Our PFC charger is built into all of our inverter chargers. It uses less energy from a generator than a standard
charger – using 25-30% less AC current than standard chargers. Safe and reliable: The MS-PE Series is listed to the stringent requirements of CE
for renewable energy installations.
Model Numbers
• MS4124PE
• MS4348PE
Available For
• Renewable Energy Systems
Off-grid Power
Back-up Power
• Marine Systems
• Caravan Systems
• Truck Systems
Available Accessories
• MMP-E
• AGS – ME-AGS-N
• Battery Monitor Kit – ME-BMK
• MPSL-PE
• MPDH-PE
• Conduit Box
• Fuse Blocks
• MagWeb
• Remote - ME-ARC
• Remote - ME-RC
• Router – ME-ARTR
Pure Sine Wave
24,
48
4100-
4300 VA
Battery Voltage Options
Continuous Output Options


Similar Part No. - MS-PE

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
MS-P042 AKM-MS-P042 Datasheet
246Kb / 4P
Shipped in stick (300 pcs per pack)
MS-P043 AKM-MS-P043 Datasheet
246Kb / 4P
Shipped in stick (300 pcs per pack)
MS-P082 AKM-MS-P082 Datasheet
247Kb / 4P
Shipped in stick (300 pcs per pack)
MS-P204 AKM-MS-P204 Datasheet
246Kb / 4P
Shipped in stick (300 pcs per pack)
MS-P254 AKM-MS-P254 Datasheet
459Kb / 6P
Semiconductor Magnetoresistive Element
More results

Similar Description - MS-PE

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
3000W True Sine Wave DC-AC Inverter with Solar Charger
logo
List of Unclassifed Man...
EMS1250UL ETC2-EMS1250UL Datasheet
514Kb / 6P
PowerVerter 1250W Ambulance/EMS Inverter/Charger with 2 Outlets
RV1250ULHW ETC2-RV1250ULHW Datasheet
524Kb / 6P
PowerVerter짰 1250W RV Inverter/Charger with Hardwire Input/Output
UT1250UL ETC2-UT1250UL Datasheet
539Kb / 6P
PowerVerter짰 1250W Utility/Work Truck Inverter/Charger with 2 Outlets
logo
Tripp Lite. All Rights ...
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
logo
COTEK ELECTRONIC IND. C...
SC-1200 COTEK-SC-1200 Datasheet
1Mb / 7P
1200W Pure Sine Wave Inverter / Charger
21/09/01
SC-2000 COTEK-SC-2000 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SL-2000 COTEK-SL-2000 Datasheet
210Kb / 2P
2000W Inverter / Charger
20/11/12
SL-3000 COTEK-SL-3000 Datasheet
210Kb / 2P
3000W Inverter / Charger
20/11/12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com