Electronic Components Datasheet Search
  English  ▼

X  

P93 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # P93
Description  SOT89 Silicon planar high voltage transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

P93 Datasheet(HTML) 2 Page - Zetex Semiconductors

  P93 Datasheet HTML 1Page - Zetex Semiconductors P93 Datasheet HTML 2Page - Zetex Semiconductors P93 Datasheet HTML 3Page - Zetex Semiconductors P93 Datasheet HTML 4Page - Zetex Semiconductors P93 Datasheet HTML 5Page - Zetex Semiconductors P93 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FCX593
Issue 4 - November 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Max.
Unit
Conditions
Base breakdown voltages
V(BR)CBO
-120
V
IC = -100 A
V(BR)CEO
-100
V
IC = -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width = 300 s. Duty cycle
2%.
V(BR)EBO
-5
V
IE = -100 A
Cut-off currents
ICBO
-100
nA
VCB = -100V
IEBO
-100
nA
VEB = -4V
ICES
-100
nA
VCES = -100V
Saturation voltages
VCE(sat)
-0.2
V
IC = -250mA, IB = -25mA(*)
-0.3
V
IC = -250mA, IB = -25mA(*)
VBE(sat)
-1.1
V
IC = -500mA, IB = -50mA(*)
Base-emitter turn-on voltage
VBE(on)
-1
V
IC = -1mA, IB = -5V(*)
Static forward current
transfer ratio
hFE
100
IC = -1mA, VCE = -5V
100
IC = -250mA, VCE = -5V(*)
100
300
IC = -500mA, VCE = -5V(*)
50
IC = -1A, VCE = -5V(*)
Transition frequency
fT
50
MHz
IC = -50mA, VCE = -10V
f = 100MHz
Output capacitance
COBO
5pF
VCB = -10V, f = 1MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com