Electronic Components Datasheet Search
  English  ▼

X  

705 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # 705
Description  120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

705 Datasheet(HTML) 3 Page - Zetex Semiconductors

  705 Datasheet HTML 1Page - Zetex Semiconductors 705 Datasheet HTML 2Page - Zetex Semiconductors 705 Datasheet HTML 3Page - Zetex Semiconductors 705 Datasheet HTML 4Page - Zetex Semiconductors 705 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FCX705
SEMICO NDUC TORS
ISSUE 4 - DECEMBER 2002
3
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-140
V
IC= -100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-120
V
IC= -10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
-10
V
IE= -100 A
Collector Cut-Off Current
ICBO
-100
-10
nA
µA
VCB = -10V
VCB = -120V
Tamb = 100°C
Emitter Cut-Off Current
IEBO
-0.1
µA
VEB= -8V
Collector Emitter Cut-Off Current
ICES
-10
µA
VCES= -120V
Collector-Emitter Saturation
Voltage
VCE(sat)
-1.3
-2.5
V
V
IC= -1A, IB= -1mA*
IC= -2A, IB= -2mA*
Base-Emitter Saturation Voltage
VBE(sat)
-1.8
V
IC= -1A, IB= -1mA*
Base-Emitter Turn-On Voltage
VBE(on)
-1.7
V
IC= -1A, VCE= -5V*
Static Forward Current Transfer
Ratio
hFE
3K
3K
3K
2K
30K
IC= -10mA, VCE= -5V*
IC= -100mA, VCE= -5V*
IC= -1A, VCE= -5V*
IC= -2A, VCE= -5V*
Transition Frequency
fT
160
MHz
IC= -100mA, VCE= -10V
f= 20MHz
Input Capacitance
Cibo
90
pF
VCB= -500mV, f= 1MHz
Output Capacitance
Cobo
15
pF
VCB= -10V, f= 1MHz
Turn-On Time
t(on)
0.6
µs
IC= -500mA, VCE= -10V
IB1=IB2= -0.5mA
Turn-Off Time
t(off)
0.8
µs
IC= -500mA, VCE= -10V
IB1=IB2= -0.5mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
Nb. Spice parameter data is available upon request for this device.
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com