Electronic Components Datasheet Search
  English  ▼

X  

459 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # 459
Description  500V Silicon NPN high voltage switching transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

459 Datasheet(HTML) 2 Page - Zetex Semiconductors

  459 Datasheet HTML 1Page - Zetex Semiconductors 459 Datasheet HTML 2Page - Zetex Semiconductors 459 Datasheet HTML 3Page - Zetex Semiconductors 459 Datasheet HTML 4Page - Zetex Semiconductors 459 Datasheet HTML 5Page - Zetex Semiconductors 459 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FMMT459
Issue 5 - August 2005
2
www.zetex.com
© Zetex Semiconductors plc 2005
Absolute maximum ratings
Thermal resistance
Parameter
Symbol
Limit
Unit
Collector-base voltage
VCBO
500
V
Collector-emitter voltage
VCEV
500
V
Collector-emitter voltage
VCEO
450
V
Emitter-base voltage
VEBO
6V
Emitter-collector voltage
VECV
6V
Peak pulse current
ICM
0.5
A
Continuous collector current*
IC
0.15
A
Base current
IB
0.2
A
Power dissipation @ TA=25°C
*
Linear derating factor
PD
625
5
mW
mW/°C
Power dissipation @ TA=25°C
†
Linear derating factor
PD
806
6.4
mW
mW/°C
Operating and storage temperature range
Tj:Tstg
-55 to
+150
°C
Parameter
Symbol
Value
Unit
Junction to ambient*
NOTES:
* For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of 1oz copper, in still air conditions
R JA
200
°C/W
Junction to ambient†
† as above measured at t<5secs.
R JA
155
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com