Electronic Components Datasheet Search
  English  ▼

X  

PLT5520EB_P Datasheet(PDF) 14 Page - OSRAM GmbH

Part # PLT5520EB_P
Description  Metal Can TO56 Green Laser Diode in TO56 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5520EB_P Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button PLT5520EB_P Datasheet HTML 10Page - OSRAM GmbH PLT5520EB_P Datasheet HTML 11Page - OSRAM GmbH PLT5520EB_P Datasheet HTML 12Page - OSRAM GmbH PLT5520EB_P Datasheet HTML 13Page - OSRAM GmbH PLT5520EB_P Datasheet HTML 14Page - OSRAM GmbH PLT5520EB_P Datasheet HTML 15Page - OSRAM GmbH PLT5520EB_P Datasheet HTML 16Page - OSRAM GmbH PLT5520EB_P Datasheet HTML 17Page - OSRAM GmbH PLT5520EB_P Datasheet HTML 18Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
PLT5 520EB_P
DATASHEET
DATASHEET
14 | Version 0.1 | 2023-06-21
Notes
Depending on the mode of operation, these devices emit highly concentrated visible and non visible light
which can be hazardous to the human eye. Products which incorporate these devices have to follow the
safety precautions given in IEC 60825-1.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18