Electronic Components Datasheet Search
  English  ▼

X  

CT1210S14BAUTOG Datasheet(PDF) 4 Page - EPCOS

Part # CT1210S14BAUTOG
Description  Multilayer technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1210S14BAUTOG Datasheet(HTML) 4 Page - EPCOS

  CT1210S14BAUTOG Datasheet HTML 1Page - EPCOS CT1210S14BAUTOG Datasheet HTML 2Page - EPCOS CT1210S14BAUTOG Datasheet HTML 3Page - EPCOS CT1210S14BAUTOG Datasheet HTML 4Page - EPCOS CT1210S14BAUTOG Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
138 04/02
MLV; Automotive Series
SMD Varistors
Dimensions
Termination: nickel barrier (CT) or silver palladium (CN)
Type
I
mm
b
mm
h
mm
k
mm
SIOV-CT/CN0603
1,6
± 0,15
0,80
± 0,10
0,9 max.
0,1 … 0,4
SIOV-CT/CN0805
2,0
± 0,20
1,25
± 0,15
1,4 max.
0,13 … 0,75
SIOV-CT/CN1206
3,2
± 0,30
1,60
± 0,20
1,7 max.
0,25 … 0,75
SIOV-CT/CN1210
3,2
± 0,30
2,50
± 0,25
1,7 max.
0,25 … 0,75
SIOV-CT/CN1812
4,5
± 0,40
3,20
± 0,30
2,5 max.
0,25 … 1,0
SIOV-CT/CN2220
5,7
± 0,40
5,00
± 0,40
2,5 max.
0,25 … 1,0
Recommended solder pad layout
Type
A
mm
B
mm
C
mm
D
mm
SIOV-CT/CN0603
1,0
1,0
1,0
3,0
SIOV-CT/CN0805
1,4
1,2
1,0
3,4
SIOV-CT/CN1206
1,8
1,2
2,1
4,5
SIOV-CT/CN1210
2,8
1,2
2,1
4,5
SIOV-CT/CN1812
3,6
1,5
3,0
6,0
SIOV-CT/CN2220
5,5
1,5
4,2
7,2
VAR0406-M
b
h
Weight: < 0,2 g
Termination acc. CECC 32101-801
VAR0391-D
B
B
C
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com