Electronic Components Datasheet Search
  English  ▼

X  

MAX1480ACPI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1480ACPI
Description  Complete, Isolated RS-485/RS-422 Data Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480ACPI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1480ACPI Datasheet HTML 1Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 2Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 3Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 4Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 5Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 6Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 7Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 8Page - Maxim Integrated Products MAX1480ACPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
_______________________________________________________________________________________
5
Note 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to logic-
side ground (GND_), unless otherwise specified.
Note 2: For DE´ and DI´ pin descriptions, see Detailed Block Diagram and Typical Application Circuit (Figure 1 for MAX1480A/
MAX1480B/MAX1480C, Figure 2 for MAX1490A/MAX1490B).
Note 3: Shutdown supply current is the current at VCC1 and VCC2 when shutdown is enabled.
Note 4: Applies to peak current (see Typical Operating Characteristics). Although the MAX1480A/B/C and MAX1490A/B provide
electrical isolation between logic ground and signal paths, they do not provide isolation between external shields and the
signal paths (see Isolated Common Connection section).
SWITCHING CHARACTERISTICS—MAX1480B/MAX1480C/MAX1490B (continued)
(VCC_ = 5V ±10%, FS = VCC_, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC_ = 5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Disable Time from Low
(MAX1480C Only)
tLZ
Figures 6 and 8, CL = 15pF, S1 closed
2.0
4.5
µs
Driver Disable Time from High
(MAX1480C Only)
tHZ
Figures 6 and 8, CL = 15pF, S2 closed
2.0
4.5
µs
tPLH
2
3.0
Receiver Input to Output
Propagation Delay
tPHL
Figures 5 and 10, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
2
3.0
µs
|tPLH - tPHL| Differential Receiver
Skew
tSKD
Figures 5 and 10, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
1200
ns
Maximum Data Rate
fMAX
tPLH, tPHL < 50% of data period
0.25
Mbps
Time to Shutdown
tSHDN
100
µs
Shutdown to Driver Output High
tZH(SHDN)
Figures 6 and 9, CL = 100pF, S2 closed
35
100
µs
Shutdown to Driver Output Low
tZL(SHDN)
Figures 6 and 9, CL = 100pF, S1 closed
35
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com