Electronic Components Datasheet Search
  English  ▼

X  

B81130 Datasheet(PDF) 2 Page - EPCOS

Part # B81130
Description  EMI suppression capacitors (MKP) X2 / 275 VAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81130 Datasheet(HTML) 2 Page - EPCOS

  B81130_04 Datasheet HTML 1Page - EPCOS B81130_04 Datasheet HTML 2Page - EPCOS B81130_04 Datasheet HTML 3Page - EPCOS B81130_04 Datasheet HTML 4Page - EPCOS B81130_04 Datasheet HTML 5Page - EPCOS B81130_04 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Typical applications
X2 class for interference suppression
"Across the line" applications
Climatic
Max. operating temperature: 100
°C
Climatic category (IEC 60068-1): 40/100/21
Construction
Dielectric: polypropylene (MKP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Small dimensions
Self-healing properties
Terminals
Parallel wire leads, lead-free tinned
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, lot number,
date code, rated capacitance (coded),
cap. tolerance (code letter),
rated AC voltage,
series number, sub-class (X2),
dielectric code (MKP), climatic category,
passive flammability category, approvals.
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For taping details, refer to chapter
"Taping and packing".
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter d1
10 mm
0.6
15 ... 27.5 mm
0.8
Marking examples
= 10 mm
≥15 mm/C
R
≤1 µF
= 27.5 mm/CR>1
µF
Approvals
Marks of conformity
Standards
Certificate
EN 132400, IEC 60384-14
138554
UL 1414 / UL 1283
E97863 / E157153
CSA C22.2 No.1
E97863
CQC (GB/T 14472-1998)
CQC02001001667
EMI suppression capacitors (MKP)
B81130
X2 / 275 VAC
Not for new design
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com