Electronic Components Datasheet Search
  English  ▼

X  

BC635 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BC635
Description  45 V, 1 A NPN medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC635 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BC635 Datasheet HTML 7Page - NXP Semiconductors BC635 Datasheet HTML 8Page - NXP Semiconductors BC635 Datasheet HTML 9Page - NXP Semiconductors BC635 Datasheet HTML 10Page - NXP Semiconductors BC635 Datasheet HTML 11Page - NXP Semiconductors BC635 Datasheet HTML 12Page - NXP Semiconductors BC635 Datasheet HTML 13Page - NXP Semiconductors BC635 Datasheet HTML 14Page - NXP Semiconductors BC635 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
12 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
[2]
Valid for all available selection groups.
[3]
T1: normal taping
[4]
T3: 90
° rotated taping
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number[2] Package
Description
Packing quantity
1000
4000
5000
10000
BC635
SOT54
bulk, straight leads
-
-
-412
-
SOT54A
tape and reel, wide pitch
-
-
-
-116
tape ammopack, wide pitch
-
-
-
-126
SOT54 variant
bulk, delta pinning
-
-
-112
-
BCP54
SOT223
8 mm pitch, 12 mm tape and reel
-115
-135
-
-
BCX54
SOT89
8 mm pitch, 12 mm tape and reel; T1
[3] -115
-135
-
-
8 mm pitch, 12 mm tape and reel; T3
[4] -120
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com