Electronic Components Datasheet Search
  English  ▼

X  

BCP54-16 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCP54-16
Description  45 V, 1 A NPN medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP54-16 Datasheet(HTML) 2 Page - NXP Semiconductors

  BCP54-16 Datasheet HTML 1Page - NXP Semiconductors BCP54-16 Datasheet HTML 2Page - NXP Semiconductors BCP54-16 Datasheet HTML 3Page - NXP Semiconductors BCP54-16 Datasheet HTML 4Page - NXP Semiconductors BCP54-16 Datasheet HTML 5Page - NXP Semiconductors BCP54-16 Datasheet HTML 6Page - NXP Semiconductors BCP54-16 Datasheet HTML 7Page - NXP Semiconductors BCP54-16 Datasheet HTML 8Page - NXP Semiconductors BCP54-16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
2 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
2.
Pinning information
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOT54
1
base
2
collector
3
emitter
SOT54A
1
base
2
collector
3
emitter
SOT54 variant
1
base
2
collector
3
emitter
SOT223
1
base
2
collector
3
emitter
4
collector
SOT89
1
emitter
2
collector
3
base
001aab347
1
2
3
sym056
2
3
1
001aab348
1
2
3
sym056
2
3
1
001aab447
1
2
3
sym056
2
3
1
13
2
4
sym016
2, 4
3
1
321
sym042
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com