Electronic Components Datasheet Search
  English  ▼

X  

7986LC Datasheet(PDF) 2 Page - Belden Inc.

Part # 7986LC
Description  Surveillance CCTV, RG-59 #20 BC, 95% BC Braid, CMP-FHC 25/50
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7986LC Datasheet(HTML) 2 Page - Belden Inc.

  7986LC Datasheet HTML 1Page - Belden Inc. 7986LC Datasheet HTML 2Page - Belden Inc. 7986LC Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Frequency [MHz] Nom. Insertion Loss
1 MHz
0.29 dB/100ft
3 MHz
0.58 dB/100ft
5 MHz
0.7 dB/100ft
8 MHz
0.87 dB/100ft
10 MHz
1.05 dB/100ft
50 MHz
1.8 dB/100ft
100 MHz
2.7 dB/100ft
200 MHz
3.9 dB/100ft
400 MHz
5.9 dB/100ft
700 MHz
8.5 dB/100ft
900 MHz
10 dB/100ft
1000 MHz
10.7 dB/100ft
Delay
Max. Delay Skew Nominal Delay Nominal Velocity of Propagation (VP) [%]
84 ns/100m
1.21 ns/ft
84%
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
UL Temp Rating:
200°C
Operating Temperature Range:
-40°C To +200°C
Mechanical Characteristics
Bulk Cable Weight:
31 lbs/1000ft
Max. Pull Tension:
55 lbs
Min Bend Radius (Overall Cable):
1.04
Min. Bend Radius/Minor Axis:
1.9 in
Standards
NEC/(UL) Compliance:
Limited Combustible FHC 25/50 CMP
RG Type:
59
Series Type:
59
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment):
Yes
EU Directive Compliance:
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Burial:
No
Suitability - Hazardous Locations:
No
Suitability - Indoor:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL723 (NFPA 255)
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Related Part Numbers
Variants



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com