Electronic Components Datasheet Search
  English  ▼

X  

0121 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 0121
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0121 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 0121 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Type 0121
15 | 16
Visit product website 
Circuit function
Port
connection
Orifice Body or seat
material
Seal
material
Article no.
024/DC
024/50
230/50
120/60
[inch]
[mm]
[V/Hz]
[V/Hz]
[V/Hz]
[V/Hz]
CF C
3/2-way solenoid
valve
Direct-acting
Normally closed
2(A)
1(P)
3(R)
12
G ⅜
4.0
PVC
FKM
051701 
–
–
–
G ⅜
6.0
PVC
EPDM
–
–
051577 
–
G ⅜
4.0
PTFE
FFKM
–
–
130625 
–
G ⅜
4.0
PTFE
FKM
044771 
–
–
–
G ⅜
6.0
PTFE
FFKM 2.)
131364 3.)
–
–
–
G ¼
4.0
Stainless steel
EPDM
–
–
135858 
–
CF E
3/2-way mixing valve
(solenoid valve)
2(A)
1(P1)
3(P2)
G ¼
4.0
Stainless steel
FKM
–
–
042457 
–
G ⅜
6.0
PVC
EPDM
048673 
–
–
–
G ⅜
4.0
PTFE
FFKM
151715 
–
130934 
–
G ⅜
4.0
PTFE
FFKM 2.)
135028 
–
–
–
CF F
3/2-way distribution
valve (solenoid valve)
Direct-acting
4(A)
2(B)
1(P)
G ⅜
6.0
PVC
FKM
049533 
052181 
047916 
–
G ⅜
6.0
PVC
EPDM
040062 
048760 
050491 
–
G ⅜
4.0
PTFE
FFKM 2.)
–
–
124239 
–
G ⅜
6.0
PTFE
FFKM
141134 
–
–
–
G ⅜
6.0
PTFE
FKM
051256 
–
–
–
– = not available
1.) The listed article numbers and circuit functions have a housing with straight pass.
2.) The valve seat seal material is FFKM, the O-ring seal material (seat) is FKM.
3.) The listed article numbers are equipped with a high-performance coil (60 W-inrush, 3 W-operation) and injected cable.
4.) The cable plug is not included in the scope of delivery.
Explosion-proof version
Note:
ATEX/IECEx versions are available on request.
9.5. Ordering chart accessories
Cable plug Type 2518, form A according to DIN EN 175301 - 803
Note:
For further versions see data sheet Type 2518 .
Cable plug
Dimensions
Version
Voltage
Article no.
35.7
3.5
1.5
29.2
Ø 19
Without circuitry (AC/DC)
0…250 V AC/DC
314802 
With LED (AC/DC)
12…24 V AC/DC
314812 
With LED and varistor (AC/DC)
12…24 V AC/DC
314820 
With rectifier, LED and varistor
12…24 V AC/DC
314816 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com