Electronic Components Datasheet Search
  English  ▼

X  

0211 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 0211
Description  2-way solenoid valve, direct acting, normally closed (Circuit function A) or normally open (Circuit function B).
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0211 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  0211 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0211 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Instructions
Type 0211/0212
Design:
2-way solenoid valve, direct acting, normally closed (Circuit
function A) or normally open (Circuit function B).
Seal Materials and Fluids handled:
See Table.
Fluid and Ambient Temperature:
For Hazardous Locations Div. 1 (T4 rated)
Max. Ambient Temperature
104 °F (40 °C)
Max. Fluid Temperature
194 °F (90 °C)
The UL-listed valve for Hazardous Locations is suitable for
the fluids air, inert gas, water and gasoline.
For Hazardous Locations Div. 1 (T6 rated)
Max. Ambient Temperature
104 °F (40 °C)
Max. Fluid Temperature
140 °F (60 °C)
For Hazardous Locations Div. 2 and Ordinary Locations:
See Table.
Pressure Range:
Maximum inlet pressure see label on valve.
Installation:
Before installing valve ensure that piping etc. is free of foreign
matter (metal fillings, seal materials, welding scale etc.). In-
stallation as required but preferably with coil uppermost. Instal-
lation in this position tends to prevent foreign matter remaining
in core tube (increased life). Do not put any loads on coil unit.
Type 0211: PTFE tape is recommended for sealing ports. Arrow
on valve body indicates flow direction. Mounting is accomplished
by means of four M4 x 8 mm tapped holes located on the valve
underside.
Type 0212: Outlet port is coded on side of body. For common
pressure, align "A" marking on valve and manifold. To remove
valve from manifold loosen only the two unsealed screws.
Manifolds can be connected togehter with nipples.
Marking (example):
Circuit function
A
=
Normally Closed
B
=
Normally Open
Seal Material
EPDM
=
EPDM
NBR
=
NBR
FKM
=
FKM
EA
=
PTFE seat and EPDM O-ring
EF
=
PTFE seat and FKM O-ring
NN
=
Neoprene
Body Material
BR
=
Brass
SS
=
Stainless Steel
NI
=
Nickel Plated Brass
PL
=
Polyamide Plastic
Maximum Pressure
Voltage / Frequency / Power Consumption
Recorder No.
Approvals
The valve is either approved as
General Purpose valve for Hazardous Locations
Class I, Division 1, Group A, B, C, D
Class II, Division 1, Group E, F, G
Class III, Division 1 and 2
Operating Temperature T 4
or
General Purpose valve for Hazardous Locations
Class I, Division 1, Group A, B, C, D
Class II, Division 1, Group E, F, G
Class III, Division 1 and 2
Operating Temperature T 6
or
FM approved as
Nonincendive for Hazardous Locations
Class I, Division 2, Group A, B, C, D
Class II, Division 2, Group F, G
Class III, Division 1 and 2
Operating Temperature T 4
UL listed for Ordinary locations
CSA approved for Ordinary locations
See label on the valve.
Seal Materials
Seat / O-ring
Fluid
Tempera-
tures [° F]
Buna „N‰
Ethylene
Propylene
FKM
PTFE/
Ethylene
Propyl.
PTFE/
FKM
Neoprene
Air
Fluid T.
Ambient
+14 to +194
+14 to +130
-40 to +266
+14 to +130
+14 to +266
+14 to +130
+14 to +266
+14 to +130
+14 to +266
+14 to +130
Water
Fluid T.
Ambient
+32 to +194
+32 to +130
+32 to +212
+32 to +130
+32 to +212
+32 to +130
+32 to +212
+32 to +130
+32 to +212
+32 to +130
Neutral Gas
Fluid T.
Ambient
+14 to +194
+14 to +130
-40 to +266
+14 to +130
+14 to +266
+14 to +130
+14 to +266
+14 to +130
+14 to +266
+14 to +130
Light oil
Fluid T.
Ambient
+14 to +194
+14 to +130
+14 to +266
+14 to +130
+14 to +266
+14 to +130
LP-gas
Fluid T.
Ambient
+14 to +140
+14 to +130
+14 to +140
+14 to +130
+14 to +140
+14 to +130
Refrigerants
Fluid T.
Ambient
+14 to +194
+14 to +130
Voltage
12V or
24V
UL / UR
valid
with
class
2 power
supply
only


Similar Part No. - 0211

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
02110.0-00 STEGO-02110.0-00 Datasheet
568Kb / 2P
VARIOLINE LAMP
20.07.2022
02110.0-30 STEGO-02110.0-30 Datasheet
568Kb / 2P
VARIOLINE LAMP
20.07.2022
logo
Molex Electronics Ltd.
0211000011 MOLEX4-0211000011 Datasheet
71Kb / 2P
2.54mm (.100") FFC Jumper Cable, 3 Circuits, 0.178m (7.00") Length
0211000011 MOLEX-0211000011 Datasheet
34Kb / 1P
2.54mm Pitch Premo-Flex FFC Jumper, 178.00mm Cable Length, 3 Circuits
0211000011 MOLEX1-0211000011_17 Datasheet
32Kb / 1P
2.54mm FFC Jumper Cable, 3 Circuits, 0.178m Length
More results

Similar Description - 0211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
Sensortechnics GmbH
LW1BVAF0 SENSORTECHNICS-LW1BVAF0 Datasheet
97Kb / 4P
Normally open proportional solenoid valve
MDPRO4VAF1S SENSORTECHNICS-MDPRO4VAF1S Datasheet
100Kb / 4P
Normally closed proportional solenoid valve
VSONC111VAF0 SENSORTECHNICS-VSONC111VAF0 Datasheet
95Kb / 4P
Normally closed proportional solenoid valve
910000200001 SENSORTECHNICS-910000200001 Datasheet
144Kb / 4P
Normally closed proportional solenoid valve
logo
IXYS Corporation
LBA710 IXYS-LBA710 Datasheet
146Kb / 9P
Dual Single-Pole OptoMOS Relay Normally Open & Normally Closed
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
logo
Solid State Optronic
M272 SSOUSA-M272 Datasheet
179Kb / 5P
1 Form B (normally closed) SSR
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
Normally closed function
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com