Electronic Components Datasheet Search
  English  ▼

X  

0255 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 0255
Description  Direct-acting 2/2 way plunger valve
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0255 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  0255 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0255 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0255 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0255 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0255 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0255 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0255 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0255 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0255 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Visit product website 
DATA SHEET
Type 2518
Cable plug, form A
according to DIN EN
175301-803
Type 1087
Timer, form A according
to DIN EN 175301 - 803
Standard | EU | en | 202212 | 09
Direct-acting 2/2 way plunger valve
• Push-over solenoid system
• Compact design, up to DN 6
• Housing made of brass or stainless steel with threaded connection
The direct-acting plunger solenoid valve Type 0255 is also suitable for high
pressures and high temperatures.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 0255
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 0255

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0255-0-15-01-30-02-04-0 MILL-MAX-0255-0-15-01-30-02-04-0 Datasheet
110Kb / 1P
PIN RECEPTACLES for .015??- .025??diameter pins
0255-0-15-01-30-27-04-0 MILL-MAX-0255-0-15-01-30-27-04-0 Datasheet
110Kb / 1P
PIN RECEPTACLES for .015??- .025??diameter pins
0255-0-15-15-30-27-04-0 MILL-MAX-0255-0-15-15-30-27-04-0 Datasheet
110Kb / 1P
PIN RECEPTACLES for .015??- .025??diameter pins
logo
Littelfuse
0255.062M LITTELFUSE-0255.062M Datasheet
473Kb / 1P
PICO II Fast-Acting Type
0255.062M- LITTELFUSE-0255.062M- Datasheet
473Kb / 1P
PICO II Fast-Acting Type
More results

Similar Description - 0255

ManufacturerPart #DatasheetDescription
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
DS1571 TTELEC-DS1571 Datasheet
312Kb / 1P
3 Way Direct Acting
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
Discrete direct acting 2 port solenoid valve for compressed air, manifold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com