Electronic Components Datasheet Search
  English  ▼

X  

6030 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 6030
Description  Servo-assisted 2/2-way piston valve
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6030 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 6030 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6030 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 6030 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 6030 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 6030 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 6030 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 6030 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 6030 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 6030 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Type 6440
21 | 21
Visit product website 
Cable plug Type 2509, form A according to DIN EN 175301 - 803
Note:
• Dimensions in mm
• Without circuitry (standard)
• The cable plug Type 2509 meets the requirements in accordance with ATEX Cat. 3 GD in assembly with a Bürkert solenoid valve.
• The cable plug Type 2509 meets the requirements in accordance with UL Listed (UL 429) in assembly with a Bürkert solenoid valve.
• Refer to data sheet Type 2509  for more information about the cable plug.
Cable plug
Dimensions
Version
Voltage
Article no.
18
58.85
28
M3
Without circuitry
0…250 V AC/DC
137943 
Cable glands for ATEX/IECEX terminal box
Note:
• A cable gland in polyamide version is included in the delivery. A nickel-plated brass version can be ordered at surcharge.
• Refer to “7.1. Cable glands for ATEX/IECEX terminal box” on page 15 for more information about Ex cable glands.
• Refer to “7.2. Special tool to turn the terminal box” on page 15 for more information about special wrench.
Description
Article no.
Ex cable gland, nickel-plated brass, 6…13 mm 1.)
773278 
Ex cable gland, polyamide, 7…13 mm 1.)
773277 
Set SC02-AC10: special wrench 2.) incl. service manual
293488 
1.) Cable diameter
2.) Not included in the scope of delivery of the valve
Mounting bracket
Note:
• The mounting bracket, two cylinder screws M4x8 and two spring rings are included in the scope of delivery.
• The mounting bracket can be used for all standard and high-pressure versions, including ATEX/IECEx and DIN EN 161 option up to
orifice size 12 mm.
• The mounting bracket cannot be used for oil burner versions, DN 13 versions and various special bodies made of solid material.
Description
Article no.
Mounting bracket for Type 6027/6240/6440
282304 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com