Electronic Components Datasheet Search
  English  ▼

X  

7011 Datasheet(PDF) 20 Page - Christian Bürkert GmbH & Co. KG

Part # 7011
Description  Direct-acting 2/2-way plunger valve
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7011 Datasheet(HTML) 20 Page - Christian Bürkert GmbH & Co. KG

Back Button 7011 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 7011 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 7011 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 7011 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 7011 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 7011 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 7011 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 7011 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 7011 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Type 7011
20 | 24
Visit product website 
Circuit function
Port
connection
Orifice C
V value
water 1.)
Voltage/
Frequency/
Power
Maximum
duty cycle
Pressure range 2.)3.) (MAWP 4.))
Article no.
Ambient
temperature
167 °F
Ambient
temperature
131 °F
Brass body
Stainless
steel body
Water
Air
Water
Air
FKM seal
[mm]
[gal/min]
[V/Hz/W]
[psi]
[psi]
[psi]
[psi]
CF B
2/2-way solenoid
valve
Direct-acting
Normally open
2 (B)
1 (P)
NPT ⅛
2.0
0.12
24 / DC / 7
100 % ED
–
–
–
0…174
o. r.
o. r.
24 / 60 / 6
–
–
–
0…210
o. r.
o. r.
120 / 60 / 6
–
–
–
0…210
o. r.
o. r.
240 / 60 / 6
–
–
–
0…210
o. r.
o. r.
24 / DC / 5.5
–
0…145
–
–
o. r.
o. r.
24 / 60 / 4
–
0…189
–
–
o. r.
o. r.
120 / 60 / 4
–
0…189
–
–
o. r.
o. r.
240 / 60 / 4
–
0…189
–
–
o. r.
o. r.
Manifold
(FK01)
2.0
0.12
24 / DC / 7
100 % ED
–
–
–
0…174
20009528 
o. r.
24 / 60 / 6
–
–
–
0…210
o. r.
o. r.
120 / 60 / 6
–
–
–
0…210
o. r.
o. r.
240 / 60 / 6
–
–
–
0…210
o. r.
o. r.
24 / DC / 5.5
–
0…145
–
–
20009530 
o. r.
24 / 60 / 4
–
0…189
–
–
o. r.
o. r.
120 / 60 / 4
–
0…189
–
–
o. r.
o. r.
240 / 60 / 4
–
0…189
–
–
o. r.
o. r.
o. r. = on request
1.) Measurement at + 68 °F, 14.5 psi 2.) at the valve inlet and free outlet
2.) Pressure data: overpressure to atmospheric pressure and air as a medium
3.) Number of switching cycles under laboratory conditions (FKM seal, oiled air, unpressurised, WW A, DC): 5 million (with WW B less numbers of switching cycles). Please note that an
increase in switching pressure can limit the life of the seat seal.
4.) Maximum allowable working pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com